Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 53Page - STMicroelectronics STA310 Datasheet HTML 54Page - STMicroelectronics STA310 Datasheet HTML 55Page - STMicroelectronics STA310 Datasheet HTML 56Page - STMicroelectronics STA310 Datasheet HTML 57Page - STMicroelectronics STA310 Datasheet HTML 58Page - STMicroelectronics STA310 Datasheet HTML 59Page - STMicroelectronics STA310 Datasheet HTML 60Page - STMicroelectronics STA310 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 90 page
background image
57/90
STA310
9.12 Decoding algorithm registers
The table below shows how the STREAMSEL and
DECODSEL registers should be programmed for dif-
ferent types of bitstream.
Table 9.
STREAMSEL and DECODESEL programming
definitions
BSI_ERR_REV
12
BSI_ERR_CHANS
13
CRC_NOT_VALID
14
Packet Synchronization
SYNCHRO_PACKET_NOT_FOUND
16
BAD_MPEGI_RESERVED_WORD
17
BAD_MPEG2_RESERVED_WORD
18
BAD_LPCM_SYNCHRO
19
UNKNOWN_STREAM_ID
20
MARKER_ERROR
21
UNKNOWN_SUB_STREAM_ID
22
IEC958_INPUT_MISMATCH_CONF
23
IEC958_MPEG2_LAYERI_NOT_SUPPORTE
D
24
IEC958_PAUSE_FRAME_NOT_SUPPORTE
D
25
IEC958_BAD_DATA_TYPE_DEPENDANT
26
MISMATCH _HOST_SEL_CONFIGURATION
27
Audio Synchronization
SYNCHRO_AUDIO_NOT_FOUND
32
BAD_CRC_AC3
33
BAD_LPCM_QUANTIZATION_WORDLENG
TH
34
BAD_AUDIO_SAMPLING_FREQUENCY
35
BAD_MPEG_LAYER
36
MPEG_BITRATE_FREE_FORMAT
37
NOT_SUPPORTED_AC-3_FRMSIZECOD
38
BAD_CRC_MPEG_EXTENDED
39
BAD_MPEG_EXTENDED_RESERVED_BIT
40
MPEG_EXTENDED_SYNC_NOT_FOUND
41
MPEG_EXTENDED_LENGTH_TOO_SMALL
42
BAD_SAMPLES_PER_CHANNEL
44
BAD_FRAME_BIT_SIZE
45
MPEG Decoding
MPEG_EXTENSION_ERROR
48
MPEG_MC_MUTE
49
NOT USED
50
NOT USED
51
MPEG_LAYER_ERROR
52
MPEG_CHCONFIG_ERROR
53
MPEG_MC_PREDICTION_ERROR
54
MPEG_CRC_ERROR
55
MPEG_EXT_CRC_ERROR
56
MPEG_TOO_SMALL_FOR_MC_HEADER
57
Error Name
Value
(decimal)
MPEG_BITRATE_ERROR
58
MP3 Decoding
CRC_ERROR
01
DATA_AVAILABLE_ERROR
02
ANC_PARTIAL_READ_ERROR
03
ANC_NOT_READ_ERROR
04
BAD_ID_AND_IDEX_VALUES
33
LAYER_IS_NOR_LAYER3
34
BAD_audio_sampling_freq
35
FREE_FORMAT_NOT_SUPPORTED
36
BIT_RATE_NOT_SUPPORTED
37
BIG_VALUE_ERROR
48
MODE_CHANGE_ERROR
49
FS_CHANGE_ERROR
50
Miscellaneous
IEC_958_READ_ERROR
64
MPEG_FB_BYPASS_AREA_ERROR
65
SKIPPING_BITS_IN_FB_ERROR
66
LATENCY_TOO_BIG
67
SKIP_MUTE_ERROR
68
UNKNOW_SFREQ_FOR_LATENCY
69
LATENCY_TOO_SMALL
70
BAD_INPUT_CHAN
71
INVALID_ALPHA_COEFF
72
STREAMSEL
(0x4C)
DECODSEL
(0x4D)
Mode
0
0
MPEG2 PES carrying
Dolby Digital (ATSC)
0
1
MPEG2 PES carrying
MPEG1 frames
0
2
MPEG2 PES carrying
MPEG2 frames
1
0
MPEG2 PES carrying
Dolby Digital frames for
DVD video
Error Name
Value
(decimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com