Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 82 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 78Page - STMicroelectronics STA310 Datasheet HTML 79Page - STMicroelectronics STA310 Datasheet HTML 80Page - STMicroelectronics STA310 Datasheet HTML 81Page - STMicroelectronics STA310 Datasheet HTML 82Page - STMicroelectronics STA310 Datasheet HTML 83Page - STMicroelectronics STA310 Datasheet HTML 84Page - STMicroelectronics STA310 Datasheet HTML 85Page - STMicroelectronics STA310 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 90 page
background image
STA310
82/90
LPCMV_DM_COEFT_5
Downmix gain coefficients 5
For details see register 0x9C
PCMV_DM_COEFT_6
Downmix gain coefficients 6
For details see register 0x9D
LPCMV_DM_COEFT_7
Downmix gain coefficients 7
For details see register 0x9E
LPCMV_DM_COEFT_8
Downmix gain coefficients 8
For details see register 0x9F
LPCMV_DM_COEFT_9
Downmix gain coefficients 9
For details see register 0xA0
PCMV_DM_COEFT_10
Downmix gain coefficients 10
For details see register 0xA1
LPCMV_DM_COEFT_11
Downmix gain coefficients 11
For details see register 0xA2
LPCMV_DM_COEFT_12
Downmix gain coefficients 12
For details see register 0xA3
LPCMV_DM_COEFT_13
Downmix gain coefficients 13
For details see register 0xA4
Note: For DVD video & PCM, the real coefficient value, alpha[x], ap-
plied to channel x is calculated with the following formulae:
alpha[x] = 2-(x+(y/30)) 0<Y,29 0<X,7
COEF_xL = register bits [b7,b6,b5,b4,b3,b2,b1,b0]
X = register bits[b7,b6,b5]
Y = register bits[b4,b3,b2,b1,b0
LPCMV_STATUS0
Address: 0x76
Type: R/W
Reset Value: UND
Description:
LPCMV_STATUS1
Address :0x77
Type: R/W
Reset Value: UND
Description:
76
5
4
3
2
1
0
EMPH_
FLAG
MUTE_
FLAG
Reserved
FRAME_NUM
Bitfield
Description
FRAME_NU
M
frame number of the first access unit in
the group of audio frames
Reserved
Set to 0
MUTE_FLAG 0: mute off, 1: mute on
EMPH_FLAG Emphasis status after the first access
unit: 0: emphasis off; 1: emphasis on
76
5
4
32
1
0
Word_Length Samp_Freq Reserved
Channels
Bitfield
Description
Channels
Number of audio channels:000=1
channel (mono), 001=2 channels
(stereo), 010=3 channels,
011=4 channels, 100=5
channels,101=6 channels, 110=7
channels, 111=8 channels
Reserved
Set to 0
Samp_Freq
Sampling frequency: 00=48kHz,
01=96kHz, 10=reserved, 11=reserved
Word_Length
Audio sample length: 00=16 bits,
01=20 bits, 10=24 bits, 11=reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com