Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 54Page - STMicroelectronics STA310 Datasheet HTML 55Page - STMicroelectronics STA310 Datasheet HTML 56Page - STMicroelectronics STA310 Datasheet HTML 57Page - STMicroelectronics STA310 Datasheet HTML 58Page - STMicroelectronics STA310 Datasheet HTML 59Page - STMicroelectronics STA310 Datasheet HTML 60Page - STMicroelectronics STA310 Datasheet HTML 61Page - STMicroelectronics STA310 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 90 page
background image
STA310
58/90
DECODSEL
Decoding algorithm
Address: 0x4D
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
This register identifies the audio data-type.
STREAMSEL
STREAM selection
Address: 0x4C
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
9.13 System synchronization registers
PACKET_LOCK
Packet lock
Address: 0x4F
Type: R/W
Software Reset: NC
Hardware Reset: UND
1
2
MPEG2 PES carrying
MPEG2 frames for DVD
video
1
3
MPEG2 PES carrying
linear PCM for DVD
video
2
1
MPEG1 packet carrying
MPEG1 audio
30
Dolby Digital frames
elementary streams
3
1
MPEG1 frame
elementary streams
3
2
MPEG2 frame
elementary stream
3
3
Stereo PCM (16bits
samples) and PCM2
channels
3
4
Pink noise generator
3
5
CDDA (Stereo PCM 16
bits samples)
3
7
Activate PCM beep tone
3
9
MP3 elementary
streams
5
0
IEC61937 Input with
Dolby Digital frames
5
1
IEC61937 Input with
MPEG1 frames
5
2
IEC61937 Input with
MPEG2 frames
5
6
IEC61937 Input with
DTS frames
6
3
Linear PCM for DVD
audio
7
654
32
1
0
DEC
Bitfield
Description
DEC[3:0]
0000: Dolby Digital Decoding
0001: MPEG1
0010: MPEG2
0011: PCM/LPCM
0100: PINK NOISE generator
0101: CD_DA
0111: PCM beep tone generator
1001: MP3
765432
1
0
STRSEL
Bitfield
Description
STRSEL
000: PES
001: PES DVD video
010: Packet MPEG1
011: Elementary Stream/IEC60958
100: Reserved
101: SPDIF IEC61937
110: PES DVD audio
765
4321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com