Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 62Page - STMicroelectronics STA310 Datasheet HTML 63Page - STMicroelectronics STA310 Datasheet HTML 64Page - STMicroelectronics STA310 Datasheet HTML 65Page - STMicroelectronics STA310 Datasheet HTML 66Page - STMicroelectronics STA310 Datasheet HTML 67Page - STMicroelectronics STA310 Datasheet HTML 68Page - STMicroelectronics STA310 Datasheet HTML 69Page - STMicroelectronics STA310 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 90 page
background image
STA310
66/90
Dolby Digital status register
AudioBaseAddress + 0x76
Type: RO
Software Reset: NC
Hardware Reset:UND
Description:
This register contains bit stream information extract-
ed from the stream.
AC3_STATUS1
Dolby Digital status register 1
Address: 0x77
Type: RO
Software Reset: NC
Hardware Reset:UND
Description:
This register contains bit stream information extract-
ed from the stream.
AC3_STATUS2
Dolby Digital status register 2
Address + 0x78
Type: RO
Software Reset: NC
Hardware Reset:UND
Description:
This register contains bit stream information extract-
ed from the stream.
AC3_STATUS3
Dolby Digital status register 3
Address: 0x79
Type: RO
Software Reset: NC
Hardware Reset: UND
Description:
This register contains bit stream information extract-
ed from the stream.
AC3_STATUS4
7
6
5
432
1
0
Not used
fs_cod
Bitrate code
Bitfield
Description
Bitrate code Code identifying the bitrate. Bitrate[4..0] =
frmsizecod[5..1]
fs_cod
Code identifying the sampling frequency
7
654
32
1
0
Reserved
LFE
Acmod
Bitfield
Description
Acmod
Audio coding mode. Indicates which channels
are in use.
LFE
Indicates if LFe channel is present in the
stream
76
54321
0
Bsmod
Bsid
Bitfield
Description
Bsid
Bit stream identification, indicates the version
of the standard
Bsmod
Bbit stream mode, indicates the type of service
7654
32
1
0
Reserved
Cmixlevel
SurMixlevel
Bitfield
Description
Cmixlevel
Downmix level of center channel
SurMixlevel
Downmix level of surround channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com