Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 4 Page - STMicroelectronics

  STA310 Datasheet HTML 1Page - STMicroelectronics STA310 Datasheet HTML 2Page - STMicroelectronics STA310 Datasheet HTML 3Page - STMicroelectronics STA310 Datasheet HTML 4Page - STMicroelectronics STA310 Datasheet HTML 5Page - STMicroelectronics STA310 Datasheet HTML 6Page - STMicroelectronics STA310 Datasheet HTML 7Page - STMicroelectronics STA310 Datasheet HTML 8Page - STMicroelectronics STA310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 90 page
background image
STA310
4/90
Notes
(1) Open Drain
(2) Internal Pull-up
(3) Tri-State
PIN CONNECTION (Top view)
30
PLLSF
I
External Filter For System PLL.
Power and Ground
5 - 11 - 23 - 33 -
39 - 45 - 50 - 56
- 66 - 71 - 75
GND
GND
Ground
4 - 17 - 34 - 38
44 - 55 - 65 - 74
VDD
VDD
2.5V Power Supply
10 - 32 - 51 - 70
VDD3
VDD3
3.3V Power Supply
2
STA310 AUDIO DECODER PIN DESCRIPTION (continued)
Pin Number
Name
Type
Function
1
2
3
5
6
4
7
8
9
10
31
11
32 33 34 35 36
75 74 73 72
70
71
69 68 67 66 65
55
54
53
51
50
52
60
59
58
56
57
D6
GND
VDD
D4
D3
D5
GND
VDD3
RS232TX
D7
RS232RX
VDD
SFREQ
MAINI2CADD
VDD3
GND
TESTB
SIN2
PTSB
I958OUT
GND
DEEMPH
D00AU1225
26 27 28 29 30
76
77
78
79
80
21 22 23 24 25
49
48
46
45
47
SMODE
IRQB
SCLKI2C
GND
SELI2C
12
13
14
15
16
A4
A3
A2
A0
A1
64 63 62 61
37 38 39 40
44
42
41
43
VDD
REQ
SIN
SDAI2C
17
18
19
20
A7
A6
A5
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com