Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 23Page - STMicroelectronics STA310 Datasheet HTML 24Page - STMicroelectronics STA310 Datasheet HTML 25Page - STMicroelectronics STA310 Datasheet HTML 26Page - STMicroelectronics STA310 Datasheet HTML 27Page - STMicroelectronics STA310 Datasheet HTML 28Page - STMicroelectronics STA310 Datasheet HTML 29Page - STMicroelectronics STA310 Datasheet HTML 30Page - STMicroelectronics STA310 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 90 page
background image
27/90
STA310
5.4.1 Output precision and format selection
Output precision is selectable from 16 bits/word to 24 bits/word by setting the output precision select, in the PC-
MCONF (16-, 18-, 20- and 24-bit mode) register.
In 16-bit mode, data may be output either with the most significant bit first or least significant bit first. This is
configured by the contents of the field ORD in the PCMCONF register.
When PCMCONF.PREC is more than 16 bits, 32 bits are output for each channel. In this configuration, the field
FOR of register PCMCONF is used to select Sony or I²S- compatible format. The field DIF of PCMCONF is used
to position the 18, 20 or 24 bits either at the beginning or at the end of each 32-bit frame.
Figure 15. Output formats
M CONF.PEC
PCM
CONF.ORD
PCM
CONF.FOR
PCM
CONF.DIF
DATA IN SAMPLE
MEMORY DATA
[23:0]
DATA SENT ON THE
PCM SERIAL OUTPUT
(LEFT BIT FIRST)
0:16-bit mode
1
NA
NA
{d23-d8}-{8*0}
{d8-d23}: 16 bits
0:16-bit mode
0
NA
NA
{d23-d8}-{8*0}
{d23-d8}: 16 bits
1:18-bit mode
NA
0
0
{d23-d6}-{6*0}
{13*0}{0}{d23-d6}: 32 bits
1:18-bit mode
NA
0
1
{d23-d6}-{6*0}
{0}{d23-d6}{13*0}: 32 bits
1:18-bit mode
NA
1
0
{d23-d6}-{6*0}
{14*d23}{d26*d6}: 32 bits
1:18-bit mode
NA
1
1
{d23-d6}-{6*0}
{d23-d6}{14*0}: 32 bits
2:20-bit mode
NA
0
0
{d23-d4}-{4*0}
{11*0}{0}{d23-d4}: 32 bits
2:20-bit mode
NA
0
1
{d23-d4}-{4*0}
{0}{d23-d4}{11*0}: 32 bits
2:20-bit mode
NA
1
0
{d23-d4}-{4*0}
{12*d23}{d23-d4}: 32 bits
2:20-bit mode
NA
1
1
{d23-d4}-{4*0}
{d23-d4}{12*0}: 32 bits
3:24-bit mode
NA
0
0
{d23-d0}
{6*0}{0}{d23-d0}: 32 bits
3:24-bit mode
NA
0
1
{d23-d0}
{0}{d23-d0}{7*0}: 32 bits
3:24-bit mode
NA
1
0
{d23-d0}
{8*d23}{d23-d0}: 32 bits
3:24-bit mode
NA
1
1
{d23-d0}
{d23-d0}{8*0}: 32 bits
LRCLK
PCM_OUT[2:0]
PCM_OUT[2:0]
LRCLK
PCM_OUT[2:0]
PCM_OUT[2:0]
PCM_OUT[2:0]
PCM_OUT[2:0]
16 SCLK cycles
16 SCLK cycles
32 SCLK cycles
32 SCLK cycles
M
S
L
S
M
S
L
S
L
S
M
S
L
S
M
S
PCMCONF.ORD = 0, PCMCONF.PREC is 16 bits mode
PCMCONF.ORD = 1, PCMCONF.PREC is 16 bits mode
M
S
L
S
M
S
L
S
00
M
S
L
S
M
S
L
S
0
0
00
00
M
S
L
S
M
S
L
S
M
S
L
S
M
S
L
S
18, 20 or 24 bits
18, 20 or 24 bits
18, 20 or 24 bits
18, 20 or 24 bits
18, 20 or 24 bits
18, 20 or 24 bits
18, 20 or 24 bits
18, 20 or 24 bits
MSB
MSB
PCMCONF.FOR = 1
PCMCONF.DIF = 1
PCMCONF.FOR = 0
PCMCONF.DIF = 0
PCMCONF.FOR = 0
PCMCONF.DIF = 1
PCMCONF.FOR = 1
PCMCONF.DIF = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com