Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 34Page - STMicroelectronics STA310 Datasheet HTML 35Page - STMicroelectronics STA310 Datasheet HTML 36Page - STMicroelectronics STA310 Datasheet HTML 37Page - STMicroelectronics STA310 Datasheet HTML 38Page - STMicroelectronics STA310 Datasheet HTML 39Page - STMicroelectronics STA310 Datasheet HTML 40Page - STMicroelectronics STA310 Datasheet HTML 41Page - STMicroelectronics STA310 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 90 page
background image
STA310
38/90
9.3 VERSION REGISTERS
IDENT
Identify
Address: 0x01
Type: RO
Software Reset: 0x31
Hardware Reset: 0x31
Description:
IDENT is a read-only register and is used to identify the IC on an application board. IDENT always has the value
“0x31”.
SOFTVER
Software version
Address: 0x71
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
This SOFTVER register is the version of the code which is running on the device. This regiter is updated by the
embedded software just after a soft reset of the device:
- For STA310 cut 1.0 the register contain the value 0x0A
- For STA310 cut 2.0 the register contain the value 0x14
Loading a patch into the STA310 will automatically change the register content.
Please contact ST to have the correct value according to the patch being used.
This register must be readonly after the STA310 has finished booting, in order to get a correct value (when
INIT_RAM register hold the value 1)
VERSION
Version
Address: 0x00
Type: RO
76
54
321
0
10
10
110
0
76
54
321
0
76
54
321
0
00
01
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com