Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 5 Page - STMicroelectronics

  STA310 Datasheet HTML 1Page - STMicroelectronics STA310 Datasheet HTML 2Page - STMicroelectronics STA310 Datasheet HTML 3Page - STMicroelectronics STA310 Datasheet HTML 4Page - STMicroelectronics STA310 Datasheet HTML 5Page - STMicroelectronics STA310 Datasheet HTML 6Page - STMicroelectronics STA310 Datasheet HTML 7Page - STMicroelectronics STA310 Datasheet HTML 8Page - STMicroelectronics STA310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
5/90
STA310
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS (VDD = 3.3V +/-0.3V; Tamb = 0 to 70°C; Rg = 50 Ω unless otherwise spec-
ified
GENERAL INTERFACE
Note: 1. The leakage currents are generally very small, <1nA. The value given here, 1
µA, is a maximum that can occur after an Electrostatic
Stress on the pin.
2. V> Vdd3 for 3.3V buffers.
3. Human Body Model
LVTTL & LVCMOS DC Input Specification 2.7V <Vdd3 <3.6V
Note: 1. Takes into account 200mV voltage drop in both supply lines.
2. X in the source/sink current under worst case conditions and is reflected in the name of the I/O cell according to the drive capability
Symbol
Parameters
Value
Unit
Vdd
2.5V Power Supply Voltage
-0.5 to 3.3
V
2.5V Input or Output Voltage
-0.5 to (Vdd+0.5)
V
Vdd3
3.3V Power Supply Voltage
-0.5 to 4
V
3.3V Input or Output Voltage
-0.5 to (Vdd+0.5)
V
DC OPERATING CONDITIONS
Symbol
Parameters
Value
Unit
Vcc
Power Supply Voltage
2.5
V
Tj
Operating Junction Temperature
-20 to 125
°C
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
Note
Iil
Low level input current without
pull-up device
Vi = 0V
1
µA
1
Iih
High level input current without
pull-down device
Vi = Vdd
1
µA1
Ioz
Tri-state output leakage without
pull-up/down device
Vi = 0V or Vdd
1
µA1
Ilatchup
I/O Latch-up current
V<0V, V>Vdd
200
mA
2
Vesd
Electrostatic protection
Leakage <1
µA
2000
V
3
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
Note
Vil
Low level input voltage
0.8
V
1
Vih
High level input voltage
2.0
V
1
Vilhyst
Low level threshold input falling
0.8
1.35
V
1
Vihhyst
High level threshold input rising
1.3
2.0
V
1
Vhyst
Schmitt trigger hysteresis
0.3
0.8
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com