Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 51Page - STMicroelectronics STA310 Datasheet HTML 52Page - STMicroelectronics STA310 Datasheet HTML 53Page - STMicroelectronics STA310 Datasheet HTML 54Page - STMicroelectronics STA310 Datasheet HTML 55Page - STMicroelectronics STA310 Datasheet HTML 56Page - STMicroelectronics STA310 Datasheet HTML 57Page - STMicroelectronics STA310 Datasheet HTML 58Page - STMicroelectronics STA310 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
55/90
STA310
Description:
This register indicates the status of the audio parser
for synchronization. It is used in conjunction with
PACKET_LOCK and SYNCK_LOCK registers. On
read the synchronization status interrupt bit is
cleared (INT.SYN is cleared).
ANCCOUNT
Ancillary data
Address: 0x41
Type: RO
Software Reset: UND
Hardware Reset: UND
Description:
This value gives the number of ancillary data in the
stream. The ancillary data interrupt bit ANC of the
register is cleared by a read.
HEAD4
HEADER 4 register
AC_3
MPEG_2
OTHER
Address: 0x42
Type: RO
Software Reset: UND
Hardware Reset: UND
Description:
This register contains header data HEAD[31:24]. The
contents
depend
on
the
type
of
the
frame.HEAD4[7:3] = 00000, in all cases.
When the host reads this register, the corresponding
interrupt bit (HDR) is cleared.
Dolby Digital
MPEG-2
OTHER
In all other types of frame HEAD4[2:0] = “000”
HEAD3
HEADER 3 register
Address: 0x43
Type: RO
Software Reset: UND
Hardware Reset: UND
Description:
Bitfield
Description
FRA
Frame Status
0 0: Research audio synchronization
0 1: Wait for confirmation - a synchro word has
been detected but the parser has not yet
detected SYNC-LOCK+1
synchro words.
1 0: Synchronized - SYNC_LOCK + 1 synchro
words have been detected
1 1: Not used
PAC
Packet Status
0 0: Research packet synchronization word
0 1: Wait for confirmation - - a synchro word
has been detected but the parser has not yet
detected
PACKET_LOCK+1 synchro words.
1 0: Synchronized - PACKET_LOCK + 1
synchro words have been detected
1 1: Not used
76
5
4
32
1
0
76
54
3
2
1
0
00
00
0
BSMOD
00
00
0
0
DR
K
0
0
0
0
0
000
Bitfield
Description
HEAD4[2:0]
BSMOD if an Dolby Digital frame
Bitfield
Description
HEAD4[2]
0
HEAD4[1]
DR=1 Dynamic range exists
HEAD4[0]
K=0 in normal mode, K=1 in Karaoke
mode.
76
5
4
3
2
1
0
0
0
0
DTYPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com