Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 15Page - STMicroelectronics STA310 Datasheet HTML 16Page - STMicroelectronics STA310 Datasheet HTML 17Page - STMicroelectronics STA310 Datasheet HTML 18Page - STMicroelectronics STA310 Datasheet HTML 19Page - STMicroelectronics STA310 Datasheet HTML 20Page - STMicroelectronics STA310 Datasheet HTML 21Page - STMicroelectronics STA310 Datasheet HTML 22Page - STMicroelectronics STA310 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
19/90
STA310
- Custom A (also named custom 0 in Dolby specifications),
- Custom D (also named custom 1 in Dolby specifications),
- Line mode,
- RF mode.
These modes refer to different implementation of the dialog normalization and dynamic range control features.
The mode is selected by programming the register COMP_MOD to the appropriate value.
Line Mode
In Line Mode (COMP_MOD = 2), the dialog normalization is always enabled. It is done by the decoder itself and
the dialog is reproduced at a constant level.
The dynamic range control variable encoded in the bitstream is used and can be scaled by the two scaling reg-
isters HDR (for high-level cut compression) and LDR (for low-level boost compression). In case of 2/0 downmix,
the high-level cut compression is not scalable.
RF Mode
In RF Mode (COMP_MOD=3), the dialog normalization is always performed by the decoder. The dialog is re-
produced at a constant level.
The dynamic range control and heavy compression variables encoded in the bitstream are used, but the com-
pression scaling is not allowed. This means that the HDR and LDR registers can not be used in this mode. A
+11dB gain shift is applied on the output channels.
Custom A Mode
In Custom A mode (COMP_MOD=0), the dialog normalization is not performed by the decoder and must be
done by another circuit externally.
The dynamic range control variable encoded in the bitstream is used and can be scaled by the two scaling reg-
isters HDR (for high-level cut compression) and LDR (for low-level boost compression).
Custom D Mode
In Custom D mode (COMP_MOD=1), the dialog normalization is performed by the decoder. The dynamic range
control variable encoded in the bitstream is used and can be scaled by the two scaling registers HDR (for high-
level cut compression) and LDR (for low-level boost compression).
4.6.1.2 Karaoke mode
The AC-3 decoder is karaoke aware and capable.
A karaoke bitstream can be composed of 5 channels: L for Left, R for Right, M for guide Melody, V1 for vocal
track 1 and V2 for Vocal track 2.
- When in karaoke aware mode, the channels L,R and M are reproduced, and the channels V1 and V2
are reproduced at a level fixed by the bitstream.
- When in karaoke capable mode, it is possible to choose to reproduce one, two or none of the two
incoming vocal tracks, V1 and V2.
The karaoke decoder is activated by the use of KARAMODE register, which specifies the downmix for the dif-
ferent modes. This register replaces DOWNMIX register. It is however possible to consider the incoming
karaoke channels as any other multichannel stream and output it with a downmix specified in DOWNMIX reg-
ister. For details, refer to the Digital Audio Compression AC-3 ATSC standard, annex C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com