Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 73 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 69Page - STMicroelectronics STA310 Datasheet HTML 70Page - STMicroelectronics STA310 Datasheet HTML 71Page - STMicroelectronics STA310 Datasheet HTML 72Page - STMicroelectronics STA310 Datasheet HTML 73Page - STMicroelectronics STA310 Datasheet HTML 74Page - STMicroelectronics STA310 Datasheet HTML 75Page - STMicroelectronics STA310 Datasheet HTML 76Page - STMicroelectronics STA310 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 90 page
background image
73/90
STA310
KAR_VCANCEL
Voice cancellation ON/OFF
Address: 0x85
Type: R/W
Reset value: 0
Description:
KAR_VVALUE
Degree of voice cancellation
Address: 0x86
Type: R/W
Reset value: 0x0
Description:
When the voice cancellation is enabled by the
KAR_VCANCEL register, KAR_VVALUE specifies
the extent of the voice cancellation according to the
following table:
KAR_MMUTE
Music channel mute
Address: 0x87
Type: R/W
Reset value:0
Description:
This register mutes the music channel.
KAR_VCh0VOL
Voice channel 0 (L) volume
Address: 0x88
Type: R/W
Reset value: 0xFF
Description:
This
register
has
the
same
function
as
KAR_MCh0VOL for the left voice channel instead of
the left music channel.
KAR_VCh1VOL
Voice channel 1 (R) volume
Address: 0x89
Type: R/W
Reset value: 0xFF
Description:
This
register
has
the
same
function
as
KAR_MCh0VOL for the right voice channel instead of
the left music channel.
Key
control
(tone)
1/4 1/2 3/4
1 1.16 1.34 1.58 1.93 2.49 3.5
KEYVAL
UE
(decimal)
10 11 12 13 14
15
16
17
18
19
7
6
543
2
1
0
Reserved
VCANCEL
Bitfield
Description
VCANCELL
0: voice cancellation off,
1: voice cancellation on
76
54
321
0
Reserved
LEVEL[2:0]
Bitfield
Description
LEVEL[2:0] 0: cut-band filter with 40dB attenuation at
700Hz
1: cut-band filter with 35dB attenuation at
700Hz
2: cut-band filter with 32dB attenuation at
700Hz
3: cut-band filter with 27dB attenuation at
700Hz
4: cut-band filter with 23dB attenuation at
700Hz
76
54
321
0
Reserved
MUTE
Bitfield
Description
MUTE
0: not muted, 1: muted
76
54
321
0
Value
76
54
321
0
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com