Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 84 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 80Page - STMicroelectronics STA310 Datasheet HTML 81Page - STMicroelectronics STA310 Datasheet HTML 82Page - STMicroelectronics STA310 Datasheet HTML 83Page - STMicroelectronics STA310 Datasheet HTML 84Page - STMicroelectronics STA310 Datasheet HTML 85Page - STMicroelectronics STA310 Datasheet HTML 86Page - STMicroelectronics STA310 Datasheet HTML 87Page - STMicroelectronics STA310 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 90 page
background image
STA310
84/90
Description:
This register controls the MLP downmix.
MLP_DRC
Dynamic range control
Address : 0x6A
Type: R/W
Software Reset: NC
Hardware Reset:: UND
Description:
When this register = 0x00, the dynamic range control
is disabled. When 0x01, the dynamic range control is
enabled and the DRC information in the MLP stream
is used.
MLP_FORCE_DWS
Downsampling 192 to 96kHz or 176.4 to 88.2kHz
Address: 0x70
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
This register selects whether downsampling is used
for input streams requiring sampling frequencies of
192KHz or 176.4KHz. When ’automatic’ is selected,
register is automatically updated to correspond to the
new output frequency.
MLP_LFE
Decode LFE
Address: 0x68
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
When this register = 0x00, LFE is not decoded and
when 0x01, LFE is decoded.
MLP_STATUS0
MLP status 0 register
Address: 0x76
Type: R/W
Software Reset: NC
Hardware Reset: UND
Type:
This status register contains the sampling frequency
codes..
Bitfield
Description
DWNMIX
[7:0]
0x00: 2/0 (L / R)
0x01: 2/0(a) (Lo / Ro) (according to
bitstream0)
0x02: 3/0 (L, R, C)
0x03: 2/1 (L, R, S)
0x04: 3/1 (L, C, R, S)
0x05: 2/2 (L, R, Ls, Rs)
0x06: 3/3 (L, C, R, Ls, Rs)
For all other values there is no downmix.
(a)
Downmix 1/0 (one channel only) is
forbidden in DVD audio
7654321
0
DRC[7:0]
765432
1
0
Reserved
Value
Bitfield
Description
Value
00: Automatic (if Fs = 192KHz or 176.4KHz)
01: Automatic (if Fs = 192KHz or 176.4KHz)
10: No downsampling
7654321
0
LFE[7:0]
7654321
0
Reserved
FS_CODE[4:0]
Bitfield
Description
FS_COD
E[4:0]
This list gives the codes and the
corresponding sampling frequency.
0x09: 44.1KHz
0x0A: 48KHz
0x0D: 88.2KHz
0x0E: 96KHz
0x11: 176.4KHz
0x12: 192KHz
0x1F: Undefined
The remaining codes are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com