Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 65Page - STMicroelectronics STA310 Datasheet HTML 66Page - STMicroelectronics STA310 Datasheet HTML 67Page - STMicroelectronics STA310 Datasheet HTML 68Page - STMicroelectronics STA310 Datasheet HTML 69Page - STMicroelectronics STA310 Datasheet HTML 70Page - STMicroelectronics STA310 Datasheet HTML 71Page - STMicroelectronics STA310 Datasheet HTML 72Page - STMicroelectronics STA310 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 90 page
background image
69/90
STA310
Description:
MP_DOWNMIX
MPEG downmix
Address: 0x6F
Type: R/W
Software Reset: 0x08
Hardware Reset: UND
Description:
In the table below, LO, RO, CO, LsO, RsO represent
the output channels after downmix, and L, R, C, LS,
RS are the audio channels.
The coefficients Kj, KC, Kr, KS, depend on the number
of input channels. In the above table, the equations
are given for a 5 channels input bitstream. If the input
bitstream does not contain five channels (L, C, R, LS,
RS), the coefficient “Kj” corresponding to the channel
not present is equal to 0.
If the MPEG bitstream contains only one surround
channel (S), replace (KS x (LS + RS)), (KS x LS and
(KS x RS) by (KS x S) in the above equations.
Bitfield
Description
MC
When MC=1, the multi-channel part of the
bitstream is not decoded, only the MPEG-1
compatible bitstream is decoded. Bit MC must
be set to 1 for an MPEG-1 bitstream.
DEN
De-normalization: set DEN=0 for MPEG1
signals, and set DEN=1 for MPEG2 multi-
channel signals
When DEN=1, MPEG2 multi-channel signals
L, C, R, LS and RS can be de-normalized.
The signals must first be inverse-weighted
then multiplied by the de-normalization factor.
This undoes the attenuation carried out at the
encoder side to avoid overload when
calculating the compatible signals (see MPEG
13818-3 specifications).
7654321
0
Value
Output Mode
Comment
0x00
1/0 (C) = Mono
CO = Kj x L + C + Kr x R + KS
(LS + RS)
0x01
2/0 (L, R) =
Stereo
LO = (L + KC x C + KS x LS)/
(1 + KC + KS),
RO = (R + KC x C + KS x RS)/
(1 + KC + KS)
0x02 3/0 (L, C, R)
LO = L + KS x LS, RO = R +
KS x RS, CO = C
0x03 2/1 (L, R, S)
LO = L + KC x C, RO = R + KC
x C, LsO = RsO = KS x (LS +
RS)
0x04 3/1 (L, C, R, S)
LO = L, RO = R, CO = C, LsO
= RsO = KS x (LS + RS)
0x05 2/2 (L, R, LS, RS)LO = L + KC x C, RO = R + KC
x C, LsO = LS, RsO = RS
0x06 3/2 (L, C, R, LS,
RS)
LO = L, RO = R, CO = C, LsO
= LS, RsO = RS
0x09 2/0 (Dolby
surround LT, RT)
LT = (L + 0.707C - 0.707 x 0.5
(LS + RS)) /2.414,
RT = (R + 0.707C + 0.707 x
0.5 (LS + RS)) /2.414
0x0A 2/0 Karaoke
capable: V1 ON,
V2 ON
Lk = L + 0.707 A1 + 0.707 G,
Rk = R + 0.707 A2 + 0.707 G
0x0B 2/0 Karaoke
Capable: V1 ON,
V2 OFF
Lk = L + 0.707 A1 + 0.707 G,
Rk = R + 0.707 G
0x0C 2/0 Karaoke
Capable: V1 OFF,
V2 ON
Lk = L + 0.707 G, Rk = R +
0.707 A2 + 0.707 G
0x0D 2/0 Karaoke
Capable: V1 OFF,
V2 OFF
Lk = L + 0.707 G, Rk = R +
0.707 G
0x0E 2/0 Karaoke
Capable: V1 ON,
V2 OFF (Dolby
Digital like)
Lk = L + 0.707 A1 + 0.707 G,
Rk = R + 0.707 A1 + 0.707 G
0x0F 2/0 Karaoke
Capable: V1 OFF,
V2 ON (Dolby
Digital like)
Lk = L + 0.707 A2 + 0.707 G,
Rk = R + 0.707 A2 + 0.707 G
0x1A 3/0 Karaoke
Capable: V1 ON,
V2 ON
Lk = L + 0.707 A1, Ck = G, Rk
= R + 0.707 A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com