Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 36Page - STMicroelectronics STA310 Datasheet HTML 37Page - STMicroelectronics STA310 Datasheet HTML 38Page - STMicroelectronics STA310 Datasheet HTML 39Page - STMicroelectronics STA310 Datasheet HTML 40Page - STMicroelectronics STA310 Datasheet HTML 41Page - STMicroelectronics STA310 Datasheet HTML 42Page - STMicroelectronics STA310 Datasheet HTML 43Page - STMicroelectronics STA310 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 90 page
background image
STA310
40/90
Address : 0x0E
Type: WO
Software Reset: NA
Hardware Reset: NA
Description:
Data can be fed into the STa310 by using this register
instead of the dedicated interface. there is no need to
byte align the bitstream when using this register.
9.5 PCM CONFIGURATION RESISTERS
PCMDIVIDER
Divider for PCM clock
Address : 0x54
Type: R/W
Software Reset: UND
Hardware Reset: UND
Description:
The PCM divider must be set according to the formu-
la below, where DAC_SCLK is the bit clock for the
DAC. When Div is set to 0, DAC_SCLK is equal to
DAC_PCMCLK:
Div = (DAC_PCMCLK/ (2 x DAC_SCLK)) -1
When the internal PLL is used, DAC_PCMCLK=384
x fs or 256 x fs. If DAC_PCMCLK = 384 x fs, the for-
mula becomes:
Div = (192 x Fs/DAC_SCLK) -1
If DAC_SCLK is 32 x Fs (common case with the 16
bit DAC), Div must be set to 5.
PCMCONF
PCM configuration
Address: 0x55
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
PCMCROSS
76
54
321
0
PCM divider value
Mode description
5
DAC_PCMCLK = 384Fs,
DAC is 16-bit mode
3
DAC_PCMLK = 256 Fs,
DAC is 16-bit mode
2
DAC_PCMLK = 384 Fs,
DAC is 32-bit mode
1
DAC_PCMLK = 256 Fs,
DAC is 32-bit mode
76
5
4
3
2
1
0
ODR DIF
INV
FOR
SCL
PREC[1:0]
Bitfield
Description
ORD
PCM Order: This bit is significant only
when in 16-bit mode. When set, LSB
is sent first. When reset, MSB is sent
first.
DIF
PCM_DIFF: This bit is not significant
in 16-bit. When set, indicates that the
bits are not right-padded in the slot.
When reset, Ii is right padded.
INV
INV_LRCLK: When set the polarty of
LRCLK is inverted: Left channel is
output when LRCLK is high.
When reset, the polarity of LRCLK is
such that the left channel is outout
when LRCLK is low.
FOR
FORMAT: This bit selects the data
output format: When set, the Sony
format is chosen. When reset 0 the
format is IS format.
SCL
INV_SCLK: When set, the polarity of
SCLK is inverted, the PCM outputs
and LRCLK will be stable for the
DACs on the falling edge of SCLK.
When reset, PCM outputs and LRCLK
are stable on the rising edge of SCLK.
PREC[1:0]
PCM Precision
0: 16 bit mode (16 slots)
1: 18 bit mode (32 slots)
2: 20 bit mode (32 slots)
3: 24 bit mode (32 slots)
7
6
54
3
2
10
VCR
CLR[1:0]
CSW[1:0]
LRS[1:0]
PCM divider value
Mode description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com