Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 38Page - STMicroelectronics STA310 Datasheet HTML 39Page - STMicroelectronics STA310 Datasheet HTML 40Page - STMicroelectronics STA310 Datasheet HTML 41Page - STMicroelectronics STA310 Datasheet HTML 42Page - STMicroelectronics STA310 Datasheet HTML 43Page - STMicroelectronics STA310 Datasheet HTML 44Page - STMicroelectronics STA310 Datasheet HTML 45Page - STMicroelectronics STA310 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 90 page
background image
STA310
42/90
PLLData
Address: 0x11
Type: R/W
Software Reset: NA
Hardware Reset: 0
Description:
Data that must be written (has been read) at (from)
the address specified by PLL_ADD.
PLL_CMD
PLL Command
Address: 0x1D
Type: R/W
Software Reset: NA
Hardware Reset: 0
Description:
PLL_ADD
PLL Address
Address: 0x12
Type: R/W
Software Reset: NA
Hardware Reset: 0
Description:
ENA_AU_FRACPLL
Audio PLL Enable
Address: 0xB5
Type: R/W
Software Reset: 1
Hardware Reset: 0
Description:
This register is used to enable the audio PLL of the
STA310. This register must be always set to “1” after
either a soft or hardware reset.
AU_PLL_FRACL_192
Frac Low Coefficient
Address: 0xB6
76
54
321
0
7654
3
2
1
0
AUPLLCTL
SYSPLLCTL
RWCTL[1:0]
Bitfield
Description
RWCTL [1:0]
Configure PCMCLK source and
direction.
00: No action is performed on the
configuration registers of the level 1
01: Read action of the configuration
registers. During this phase, the
content of a selectable (by PLL_ADD)
register of the level 1 is copied into the
PLL_DATA register.
10: Write action of the configuration
registers. During .this phase, the
content of a selectable (by PLL_ADD)
register of the level 1 is copied into the
PLL_DATA register.
11: Forbidden
SYSPLLCTL
System PLL coefficients transfert
0: No Transfer
1: Transfer the data between the level 1
and the level 2 for the system PLL
AUPLLCTL
Audio PLL coefficient transfert
0: No Transfer
1: Transfer the data between the level 1
and the level 2 for the audio PLL
76
54
321
0
ADDRESS
Value
Address of PLLs configuration registers
Address
2: Disable System PLL
3: System PLL frac Low
4: System PLL frac High
6: System PLL N divider
7: System PLL X divider
8: System PLL M divider
9: System PLL update
10: Disable Audio PLL
11: Audio PLL Frac Low
12: Audio PLL Frac High
14: Audio PLL N divider
15: Audio PLL X divider
16: Audio PLL M divider
17: udio PLL update
765
4
3
2
1
0
ENA_PLL
76
54
321
0
FRACL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com