Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 63Page - STMicroelectronics STA310 Datasheet HTML 64Page - STMicroelectronics STA310 Datasheet HTML 65Page - STMicroelectronics STA310 Datasheet HTML 66Page - STMicroelectronics STA310 Datasheet HTML 67Page - STMicroelectronics STA310 Datasheet HTML 68Page - STMicroelectronics STA310 Datasheet HTML 69Page - STMicroelectronics STA310 Datasheet HTML 70Page - STMicroelectronics STA310 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 90 page
background image
67/90
STA310
Dolby Digital status register 4
Address: 0x7A
Type: RO
Software Reset: NC
Hardware Reset: UND
Description:
This register contains bit stream information extract-
ed from the stream.
AC3_STATUS5
Dolby Digital status register 5
Address : 0x7B
Type: RO
Software Reset: NC
Hardware Reset: UND
Description:
This register contains the code of the language of the
audio service, extracted from the stream.
AC3_STATUS6
Dolby Digital status register 6
Address:0x7C
Type: RO
Software Reset: NC
Hardware Reset: UND
Description:
This register contains the code indicating the dialog
normalization level extracted from the stream.
AC3_STATUS7
Dolby Digital status register 7
Address: 0x7D
Type: RO
Software Reset: NC
Hardware Reset: UND
Description:
This register contains bit stream information extract-
ed from the stream.
9.17 MPEG configuration registers
MP_SKIP_LFE
Channel skip
Address : 0x68
Type: R/W
Software Reset: 0x00
Hardware Reset: UND
Description:
765
4
3
2
1
0
Reserved
Dsurmod Copyright Origbs Lancode
Bitfield
Description
Lancode
When at 1, indicates that a language code
is provided in the stream
Origbs
When at 1, indicates that the stream is an
original
Copyright
When at 1, indicates that the stream is
protected by copyright
Dsurmod
In 2/0 mode, indicates if the stream is
Dolby surround encoded
765
4321
0
Lancode
76543
21
0
Reserved
Dialog Normalization (see Dolby
specifications)
765
432
1
0
Room type
Mix level
Audprodie
Bitfield
Description
Audprodie
Audprodie: if set, indicates that room type
and mix level are provided
Mix level
If audprodie is set, mix level indicates the
sound level
Room type If audprodie is set, mix level indicates the
sound level
7654321
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com