Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 61Page - STMicroelectronics STA310 Datasheet HTML 62Page - STMicroelectronics STA310 Datasheet HTML 63Page - STMicroelectronics STA310 Datasheet HTML 64Page - STMicroelectronics STA310 Datasheet HTML 65Page - STMicroelectronics STA310 Datasheet HTML 66Page - STMicroelectronics STA310 Datasheet HTML 67Page - STMicroelectronics STA310 Datasheet HTML 68Page - STMicroelectronics STA310 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
65/90
STA310
coming vocal channels, V1 and V2.
An additional mode is added (
AC3_KARAMODE =
3) to allow multi-channel reproduction. In this case,
the downmix specified by the
AC3_DOWNMIX and
AC3_DUALMODE registers is applied.
The following table summaries the different modes:
Left = Output Channel,
Right = Output Channel, L, R, M, V1, V2 = Input
Channels (coded in Dolby Digital karaoke bitstream),
clev = Center Mix Level (value provided in the bit-
stream),
slev = Surround Mix Level (value provided in the bit-
stream). For further information ref. to annex C of
ATSC standard “Digital Audio Compression (AC-3)”.
AC3_DUALMODE
Dual downmix
Address: 0x6E
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description
This register allows additional downmix to be set
when in 2/0 output mode or when receiving a “Dual
mode” incoming bitstream (example: A disk with 2 dif-
ferent languages on channel 1 and channel 2). In the
following table, channel 1 and 2 represent the output
channels
after
downmix
performed
with
AC3_DOWNMIX.
This
register
enables
Mono
downmix
when
AC3_DOWNMIX = 2 and
AC3_DUALMODE = 3.
AC3_DOWNMIX
Downmix
Address: 0x6F
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:.
Note: in notation, 3/2 represents 3 front speakers and
2 surround speakers.
AC3_STATUS0
Value
Mode
Comment
0
Aware Left = L + clev*M + slev*V1, Right = R +
clev*M + slev*V2
1
Not used
2
Not used
3
Multicha
nnel
Consider bitstream as multi-channel:
Perform downmix according to
DOWNMIX and DUALMODE registers
4
Capable Do not reproduce V1, V2: Left = L +
clev*M, Right = R + clev*M
5
Reproduction V1 only: Left = L + clev*M
+ 0.707*V1, Right = R + clev*M +
0.707V1
6
Reproduction V2 only: Left = L + clev*M
+ 0.707*V2, Right = R + clev*M +
0.707V2
7
Reproduction V1, V2: Left = L + clev*M
+ V1, Right = R + clev*M + V2
7654321
0
Value
Description
0
Output as Stereo
1
Output Channel 1 on both output L/R
2
Output Channel 2 on both output L/R
3
Mix Channel 1 and 2 to monophonic and
output on both L/R
7654321
0
Value
Description
0
2/0 Dolby Surround (LT, RT)
1
1/0 (C)
2
2/0 (L, R)
3
3/0 (L, C, R)
4
(L, R, S)
5
3/1 (L, C, R, S)
6
2/2 (L, R, LS, RS - Dolby Phantom Mode
7
3/2 (L, C, R, LS, RS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com