Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 17Page - STMicroelectronics STA310 Datasheet HTML 18Page - STMicroelectronics STA310 Datasheet HTML 19Page - STMicroelectronics STA310 Datasheet HTML 20Page - STMicroelectronics STA310 Datasheet HTML 21Page - STMicroelectronics STA310 Datasheet HTML 22Page - STMicroelectronics STA310 Datasheet HTML 23Page - STMicroelectronics STA310 Datasheet HTML 24Page - STMicroelectronics STA310 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
Data Input Interface
Fifo 256 Bytes
Packet Parser
Frame Parser
Frame Buffer
AC-3 Decoder
Downmix
Bass Redirection
Volume, Balance
PCM_OUT
PCM_OUT
PCM_OUT
6-Channel AC-3 Data
Data Input Interface
Fifo 256 Bytes
Packet Parser
Frame Parser
Frame Buffer
2-Channel MPEG1/2 Data
MPEG1/2 Decoder
Downmix
Volume, Balance
PCM_OUT
PCM_OUT
PCM_OUT
Zeros
Bass Redirection
Zeros
Data Input Interface
Fifo 256 Bytes
Packet Parser
Frame Parser
Frame Buffer
2-Channel PCM/LPCM Data
Downsampling Filter
96kHz -> 48kHz
Volume, Balance
PCM_OUT0
PCM_OUT1
PCM_OUT2
Zeros
Bass Redirection
Zeros



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com