Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 3 Page - STMicroelectronics

  STA310 Datasheet HTML 1Page - STMicroelectronics STA310 Datasheet HTML 2Page - STMicroelectronics STA310 Datasheet HTML 3Page - STMicroelectronics STA310 Datasheet HTML 4Page - STMicroelectronics STA310 Datasheet HTML 5Page - STMicroelectronics STA310 Datasheet HTML 6Page - STMicroelectronics STA310 Datasheet HTML 7Page - STMicroelectronics STA310 Datasheet HTML 8Page - STMicroelectronics STA310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
3/90
STA310
68
LRCLK
O
Word Clock for the DAC
72
PCM_OUT0
O
Data from a Prologic downmix (VCR_L/VCR_R)
73
PCM_OUT1
O
Data for the first DAC (Left/Right)
76
PCM_OUT2
O
Data for the second DAC (Centre/Sub)
77
PCM_OUT3
O
Data for the third DAC (LeftSur/RightSur)
IEC958 Interface (S/PDIF) - One Output Port., One Input Ports.
58
I958OUT
O
S/PDIF Signal
25
SPDP
I
First differential input of S/P DIF port
24
SPDN
I
Second differential input of S/P DIF port
26
SPDF
I
External Filter
28
VDDA
I
Analog VDD for S/P DIF Input port
29
GNDA
I
Analog GND for S/P DIF Input port
STATUS INFORMATION
PCM Related Information
54
SFREQ
O
Then high, indicates that the sampling freq. is either 44.1Khz or
22.05Khz.
When low, indicates that the sampling frequency is either 32 Khz,
48 Khz, 24 Khz or 16Khz.
57
DEEMPH
O
Indicates if de-emphasis is performed.
Audio Video Synchronization
59
PTSB
O
Indicates that a PTS has been detected, active low.
Other Signals
31
CLK
I
Master Clock Input Signal.
36
RESET
I(2)
Reset signal input, active low.
52
TESTB
I(2)
Reserved pin: to be connected to VDD
49
SMODE
I
Reserved pin : to be connected to GND
RS232 Interface
8
RS232RX
I
9
RS232TX
O
PLLs INTERFACES
64
CLKOUT
O
System clock output with programmable division ratio
27
PLLAF
I
External Filter For Audio PLL.
2
STA310 AUDIO DECODER PIN DESCRIPTION (continued)
Pin Number
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com