Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 5Page - STMicroelectronics STA310 Datasheet HTML 6Page - STMicroelectronics STA310 Datasheet HTML 7Page - STMicroelectronics STA310 Datasheet HTML 8Page - STMicroelectronics STA310 Datasheet HTML 9Page - STMicroelectronics STA310 Datasheet HTML 10Page - STMicroelectronics STA310 Datasheet HTML 11Page - STMicroelectronics STA310 Datasheet HTML 12Page - STMicroelectronics STA310 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
9/90
STA310
- The signal WAIT. This signal is always driven low in response to the DCSB assertion.
The timing diagrams for the parallel control interface are given in
Electrical specifications on page 5.
3.4 I2C control interface
When the pin SELI2C is high, the chip is controlled through the I²C interface. The I²C unit works at up to 400kHz
in slave mode with 7-bit addressing.
- The Pin MAINI2CADR selects the device address. When MAINI2CADR is high the slave address is
0x5C, when low the device address is equal to the value on the address bus (A0...A6).
- The pin SDAI2C is the serial data line.
- The pin SCLKI2C is the serial clock.
The I²C Bus standard does not specify sub-addressing. There are thus potentially multiple ways to implement
it. Any implementation that respects the standard is of course legal but a particular implementation is used by
many companies. The following paragraphs describe this implementation.
3.4.1 Protocol description
For write accesses only, the first data which follows the slave address is always the sub-address.
This is the one and only way to declare the sub-address. It should be noticed that the sub-address is implement-
ed as a standard data on the I²C Bus protocol point of view. It is a sub-address because the slave knows that it
must load its address pointer with the first data sent by the master.
See in the Appendix X.x for I2C message format examples.
3.5 Decoding process
The decoding process in the STA310 is done in several stages:
- Parsing,
- Main decoding,
- Post decoding,
- Bass redirection,
- Volume and Balance control.
Each of the stages can be activated or bypassed according to the configuration registers.
Parsing
The bitstream parsing (performed by the input processor) is in charge of discarding all the non audio information
in order to transmit to the next stage (the circular frame buffer) only the audio elementary stream (AC3, MPEG1/
2, LPCM, PCM, DVD Audio).
The parsing stage operates in two phases: the packet parser unpacks the stream, the audio parser checks the
syntax of the bitstream.
Main Decoding
The input of this stage is an elementary stream, the outputs are decoded samples. The number of output chan-
nels is defined by the downmix register (1 channel up to 6 channels). For details, please refer to the description
of the register.
The decoding formats currently supported are AC3, MPEG1 layers I and II, MPEG2 layer II, LPCM. It is neces-
sary to select the appropriate stream format by configuring the registers STREAMSEL and DECODESEL before
running the decoder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com