Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 10Page - STMicroelectronics STA310 Datasheet HTML 11Page - STMicroelectronics STA310 Datasheet HTML 12Page - STMicroelectronics STA310 Datasheet HTML 13Page - STMicroelectronics STA310 Datasheet HTML 14Page - STMicroelectronics STA310 Datasheet HTML 15Page - STMicroelectronics STA310 Datasheet HTML 16Page - STMicroelectronics STA310 Datasheet HTML 17Page - STMicroelectronics STA310 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 90 page
background image
STA310
14/90
Table 3. Decode Mode. Play and Mute commands effects
Note: 1. It is not possible to change configuration registers in this state. It is necessary to soft reset the chip before. Only the following reg-
isters can be changed “on-the-fly”: PCM_SCALE, BAL_LR, BAL_SUR, OCFG, DOWNMIX registers.
4.4 Data input interface description.
Figure 6. Block Diagram of Data Flow
Play
Mute
Clock State
PCM Output
Decoding
0
0
Not running
0
No
0
1
Running
0
No
1
0
Running
Decoded Samples
Yes
1
1
Running
0
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com