Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 9Page - STMicroelectronics STA310 Datasheet HTML 10Page - STMicroelectronics STA310 Datasheet HTML 11Page - STMicroelectronics STA310 Datasheet HTML 12Page - STMicroelectronics STA310 Datasheet HTML 13Page - STMicroelectronics STA310 Datasheet HTML 14Page - STMicroelectronics STA310 Datasheet HTML 15Page - STMicroelectronics STA310 Datasheet HTML 16Page - STMicroelectronics STA310 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
13/90
STA310
4.2.2.3 Word clock LRCLK
The frequency of LRCLK is given by:
- Flrclk = Fsclk/32; for 16 bit PCM output,
- Flrclk = Fsclk/64; for 18, 20 or 24 bits PCM output.
No special configuration is required. The polarity can be changed in the register PCMCONF, by setting up the
field INV as needed.
4.3 Decoding states
There are two different decoder states: Idle state and decode state (see <Blue HT>Figure 3). To change states,
register
Figure 5. Decoding States
Idle Mode
This is the state entered after a hardware or software reset. In this state, the embedded DSP does not decode,
i.e. no data are processed. The chip is waiting for the RUN command, and during this state all configuration
registers must be initialized. In this state, even if the chip is not processing data, the DACs clocks can be output,
which enables to setup the external DACs. Once the PCMCLK, SCLK and LRCLK clocks are configured, it is-
possible to output them by setting the MUTE register.I
Table 2. Idle mode. play and mute commands effects
Note: 1. The PLAY command has no effect in this state as the decoder is not running. It can however be sent and it will be taken into account
as soon as the decoder enters the decode state.
Decode Mode
This state is entered after the RUN command has been sent (i.e. RUN register = 1). In this mode, the data are
processed. The decoder can play sound, or mute the outputs, by using the PLAY and MUTE registers:
- To decode streams, the PLAY register must be set. When decoding, the sound will be sent to outputs
if the MUTE register is reset. The outputs are muted if the MUTE register is set.
- To stop decoding, the PLAY register should be reset. Resuming decoding is performed by writing
PLAY to 1 again
Play
Mute
Clock (SCLK, LRCLK) State
PCM Output
X
0
Not running
0
X
1
Running
0
Idle mode
Init mode
Decode mode
Time
Soft reset
Run command
Decoder ready to play sample



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com