Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 81 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 77Page - STMicroelectronics STA310 Datasheet HTML 78Page - STMicroelectronics STA310 Datasheet HTML 79Page - STMicroelectronics STA310 Datasheet HTML 80Page - STMicroelectronics STA310 Datasheet HTML 81Page - STMicroelectronics STA310 Datasheet HTML 82Page - STMicroelectronics STA310 Datasheet HTML 83Page - STMicroelectronics STA310 Datasheet HTML 84Page - STMicroelectronics STA310 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 90 page
background image
81/90
STA310
9.23 Linear PCM (DVD video and PCM)
registers
LPCMV_DOWNMIX
Downmix
Address : 0x6F
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description;.
The notation, 2/0 represents 2 front speakers and no
surround speakers.
LPCMV_FORCE_DWS
Downsampling 96 to 48KHz
Address: 0x70
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
This register selects whether downsampling is used
for input streams requiring a sampling frequency of
96KHz.
When ’automatic’ is selected, register is automatical-
ly updated to correspond to the new output frequen-
cy.
LPCMV_DM_COEFT_0
Downmix phase coefficients 0
Address: 0x97
Type: R/W
Software Reset:NC
Hardware Reset: UND
Description:
This register sets the phase coefficients for channels
mixing to Lmix. The input signal is inverted when
PH_xL = ’0’ and non-inverted when ’1’.
LPCMV_DM_COEFT_1
Downmix phase coefficients 1
Address: x98
Type: R/W
Software Reset:NC
Hardware Reset: UND
Description:
This register sets the phase coefficients for channels
mixing to Rmix. The input signal is inverted when
PH_xR = ’0’ and non-inverted when ’1’.
LPCMV_DM_COEFT_2
Downmix gain coefficients 2
For details see register 0x99
LPCMV_DM_COEFT_3
Downmix gain coefficients 3
For details see register 0x9A
LPCMV_DM_COEFT_4
Downmix gain coefficients 4
For details see register 0x9B
7654321
0
Reserved
Value
Value
Description
0
Downmix not applied
1
Force downmix 2/0
7
65432
1
0
Reserved
Value
Bitfield
Description
Value
00: Automatic (if Fs = 96KHz)
01: Automatic (if Fs = 96KHz)
10: No downsampling
7654321
0
PH_0L PH_1L PH_2L PH_3L PH_4L PH_5L
Reserved
7
654
32
1
0
PH_0R PH_1R PH_2R PH_3R PH_4R PH_5R Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com