Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 44Page - STMicroelectronics STA310 Datasheet HTML 45Page - STMicroelectronics STA310 Datasheet HTML 46Page - STMicroelectronics STA310 Datasheet HTML 47Page - STMicroelectronics STA310 Datasheet HTML 48Page - STMicroelectronics STA310 Datasheet HTML 49Page - STMicroelectronics STA310 Datasheet HTML 50Page - STMicroelectronics STA310 Datasheet HTML 51Page - STMicroelectronics STA310 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 90 page
background image
STA310
48/90
Address: 0x5F
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
The table below defines the category codes, values not listed are reserved.
SPDIF_CONF
SPDIF PCMCLK divider
Address: 0x60
Type: R/W
Software Reset:NC
Category code
Description
0 0 0 0 0 0 0
1 0 0 0 0 0 0
X X X 0 0 0 0
X X X 1 0 0 0
General
Experimental
Reserved
Solid State Memory
0 0 0 0 1 0 0
1 1 0 0 1 0 0
0 0 0 1 1 0 0
1 0 0 0 1 0 0
X X X X 1 0 0
Broadcast reception of dig. audio
Broadcast reception of dig. audio
Broadcast reception of dig. audio
Broadcast reception of dig. audio
Broadcast reception of dig. audio
Japan
United states
Europe
Electronic Software delivery
All other states are reserved
0 0 0 0 0 1 0
0 1 0 0 0 1 0
0 0 1 0 0 1 0
0 0 1 1 0 1 0
X X X X 0 1 0
Digital / Digital converters and signal processing
Digital / Digital converters and signal processing Digital / Digital
converters and signal processing r
Digital / Digital converters and signal processing
Digital / Digital converters and signal processing
PCM encoder/decoder
Digital sound sampler
Digital signal mixe
Sample rate converter
All other states are reserved
X X 0 0 1 1 0
X X 1 0 1 1 0
X X X 1 1 1 0
A/D converter W/o copyright
A/D converter W/ copyright (using copy and L bits)
Broadcast reception of dig. audio
0 0 0 0 0 0 1
0 0 0 1 0 0 1
X X X X 0 01
Laser optical CD - Compatible with IEC 908
Laser optical CD - Not compatible with IEC 908 (Magneto optical)
Laser optical
All other states are reserved
0 0 0 010 1
0 0 0 110 1
X X X X101
Musical instruments, microphones, etc.
Musical instruments, microphones, etc.
Musical instruments, microphones, etc.
Synthesizer
Microphone
All other states are reserved
0 0 0 0 0 1 1
0 0 0 1 0 1 1
X X X X 011
Magnetic tape or disks
Magnetic tape or disks
Magnetic tape or disks
DAT
Digital audio sound VCR
All other states are reserved
X X X X111
Reserved
7
0
1
Only cat. codes XXXX100, XXX1110, XXXX001 -> L bit
Original, commercially pre-recorded data
No indication of 1st generation or higher
7
0
1
All other categories
No indication of 1st generation or higher
Original, commercially pre-recorded data
76543210
LAT
SM=0
RND
DIV[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com