Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 2Page - STMicroelectronics STA310 Datasheet HTML 3Page - STMicroelectronics STA310 Datasheet HTML 4Page - STMicroelectronics STA310 Datasheet HTML 5Page - STMicroelectronics STA310 Datasheet HTML 6Page - STMicroelectronics STA310 Datasheet HTML 7Page - STMicroelectronics STA310 Datasheet HTML 8Page - STMicroelectronics STA310 Datasheet HTML 9Page - STMicroelectronics STA310 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
STA310
6/90
ELECTRICAL CHARACTERISTICS (continued)
Note: 1. Min condition: VDD = 2.7V, 125°C Min precess Max condition: VDD = 3.6V, -20°C Max
POWER DISSIPATION
INTRODUCTION
The STA310 is a fully integrated multi-format audio decoder. It accepts as input, audio data streams coded with
all the formats listed above.
2.1 Inputs and Outputs
2.1.1 Data Inputs
- Through a parallel interface (shared with the control interface)
- Through a serial interface (for all the I2S formats)
- Through a S/P DIF (SPDIF or IEC-61937 standards).
- Trough a second, independent,I2S (for application like i..e. Karaoke mixing).
2.1.2 Data outputs
- The PCM audio ooutput interface, which provide:
PCM data on 4 outputs:
• Left/Right,
• Centre/Subwoofer
• Left Surround/Right Surround.
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
Note
Ipu
Pull-up current
Vi = 0V
-66
0.8
µA
1
Rpu
Equivalent Pull-up resistance
Vi = 0V
50
K
Ω
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
Note
PD
Power Dissipation
@VDD = 2.4V
Sampling frequecy
≤ 24KHz
t.b.d.
mW
1
Sampling frequecy
≤ 32KHz
t.b.d.
mW
1
Sampling frequecy
≤ 48KHz
t.b.d.
mW
1
S/P DIF
STA310
2 I2S
MMDSP+
I2C
Host I/F
8 PCM
S/P DIF
AC3
DVD Audio
MPEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com