Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 56Page - STMicroelectronics STA310 Datasheet HTML 57Page - STMicroelectronics STA310 Datasheet HTML 58Page - STMicroelectronics STA310 Datasheet HTML 59Page - STMicroelectronics STA310 Datasheet HTML 60Page - STMicroelectronics STA310 Datasheet HTML 61Page - STMicroelectronics STA310 Datasheet HTML 62Page - STMicroelectronics STA310 Datasheet HTML 63Page - STMicroelectronics STA310 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 90 page
background image
STA310
60/90
When it has detected (SYNC_LOCK+1) sync words,
it sends the data to the decoder.
9.14 Post decoding and pro logic registers
PDEC1
Post decoder register
Address: 0x62
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
This register controls the post decoder operations.
PL_AB
Pro Logic auto balance
Address : 0x64
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
PL_DWNX
Pro Logic Decoder Downmix
Address : 0x65
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
Prologic decoder support only 4 sampling frequen-
cies: 48KHz, 44.1KHz, 32KHz, 22.05KHz.
If we active prologic with sampling frequency differ-
ent from those frequencies, the decoder will be auto-
matically disable the prologic call.
OCFG
Output Configuration
Address: 0x66
76
5
4
3
2
1
0
VMAX
DEM DCF DB PVIRT MPEG_DR PL
Bitfield
Description
PL
When high Pro Logic decoding is forced,
when low the ProLogic decoder is
automatically enabled when the stream
contains the info that it is ProLogic
encoded
MPEG_DR When high enable MPEG dynamic range.
DB
When high the "double stereo" procedure
is enabled. Double stereo is a copy of
Left/Right channels on to Left/Right
surround channels in order to have a
pseudo 5 -channel decoder effect.
DCF
When set the DC filter is activated.. When
reset, it is disabled.
DEM
When set the de-emphasis filter is
activated.. When reset, it is disabled.
76
543
2
1
0
PL_WS
PL_AB
Bitfield
Description
PL_AB
When high, select the auto-balance
function (used to track out gin
mismatches between Lt and Rt).When
low, disable the autobalance function
PL_WS
When high, enable Wide Surround mode.
The wide surround option is provided for
users who plan to do further post-
processing of the Pro Logic outputs, and
want to fold the lowpass filtering of the
surround channel into their downstream
processing Lowpass filtering and B-type
shelf filtering are both disabled. When
low, disable ide surround mode.
7654
3
2
1
0
LFE_BYP
PL_DWNX[2:0]
Bitfield
Description
PL_DWNX
[2:0]
0,1,2: Pro Logic disabled
3: 3/0 (L, R, C) three stereo
4: 2/1 (L, R, Ls) phantom
5: 3/1 (L, C, R, Ls)
6: 2/2 (L, R, Ls, Rs) phantom
7: 3/2 (L, C, R, S, S)
LFE_BYP
0: LFE channel is clear
1: LFE channel is bypassed
7
6
54321
0
LFE_BYP BOOST
OCFG[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com