Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 80 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 76Page - STMicroelectronics STA310 Datasheet HTML 77Page - STMicroelectronics STA310 Datasheet HTML 78Page - STMicroelectronics STA310 Datasheet HTML 79Page - STMicroelectronics STA310 Datasheet HTML 80Page - STMicroelectronics STA310 Datasheet HTML 81Page - STMicroelectronics STA310 Datasheet HTML 82Page - STMicroelectronics STA310 Datasheet HTML 83Page - STMicroelectronics STA310 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 90 page
background image
STA310
80/90
Address: 0x77
Type: RO
Software Reset: NC
Hardware Reset: UND
Description:
This register contains bit stream information extract-
ed from the stream.
LPCMA_STATUS2
Linear PCM (DVD audio) status register
Address: 0x78
Software Reset: NC
Hardware Reset: UND
Description:
This register contains bit stream information extract-
ed from the stream.
LPCMA_STATUS3
Linear PCM (DVD audio) status register
Address: 0x79
Type: RO
Software Reset: NC
Hardware Reset: UND
Description:
This register contains bit stream information extract-
ed from the stream.
LPCMA_STATUS4
Linear PCM (DVD audio) status register
Address: 0x7A
Type: RO
Software Reset: NC
Hardware Reset: UND
Description:
This register contains bit stream information extract-
ed from the stream.
LPCMA_STATUS5
Linear PCM (DVD audio) status register
Address: 0x7B
Type: RO
Software Reset: NC
Hardware Reset: UND
Description:
This register contains information, extracted from the
stream, for the dynamic range control.
Bitfield
Description
QUANTIZATION_WORD
_LENGTH_2[3:0]
Quantization word length for
group 2
QUANTIZATION_WORD
_LENGTH_1[3:0]
Quantization word length for
group 1
7654321
0
SAMPLING_FREQUENCY
_1[3:0]
SAMPLING_FREQUENCY_
2[3:0]
Bitfield
Description
SAMPLING_FREQU
ENCY_2[3:0]
Sampling frequency for
group 2
SAMPLING_FREQU
ENCY_1[3:0]
Sampling frequency for
group 1
7654
3
2
1
0
Reserved
MULTI_CHANNEL_TYPE[3:0]
Bitfield
Description
MULTI_CHANNEL_TYPE[3:0]
765432
1
0
BIT_SHIFT_OF_CHANNEL
_GR2[3:0]
CHANNEL_ASSIGNMENT
[3:0]
Bitfield
Description
CHANNEL_ASSIGNMENT[3:0]
BIT_SHIFT_OF_CHANNEL_GR2[3:0]
765
432
1
0
DYNAMIC_RANGE_CONTROL[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com