Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 68Page - STMicroelectronics STA310 Datasheet HTML 69Page - STMicroelectronics STA310 Datasheet HTML 70Page - STMicroelectronics STA310 Datasheet HTML 71Page - STMicroelectronics STA310 Datasheet HTML 72Page - STMicroelectronics STA310 Datasheet HTML 73Page - STMicroelectronics STA310 Datasheet HTML 74Page - STMicroelectronics STA310 Datasheet HTML 75Page - STMicroelectronics STA310 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 90 page
background image
STA310
72/90
Type: R/W
Software Reset: 0
Hardware Reset: UND
Description:
The value in this register sets the PCM beep tone fre-
quency according to the formula:
Beep_tone_frequency = (Fs/2)/(Register_value+1)
9.20 Karaoke registers
This section describes the registers which select the
karaoke effects, for example: volume, chorus, echo,
reverb and mute. Any change to these registers must
be signalled to the DSP by writing 1 to the register.
KAR_MCh0VOL
Music channel 0 (L) volume
Address: 0x81
Type: R/W
Reset value: 0xFF
Description;
This register contains the scaling factor applied to the
left channel of the music input. It specifies a fractional
multiplication factor whose value varies from 0 to 1.0:
Music Left channel = original music left channel
scale_factor.
KAR_MCh1VOL
Music channel 1 (R) volume
Address: 0x82
Type: R/W
Reset value: 0xFF
Description:
This
register
has
the
same
function
as
KAR_MCh0VOL for the right music channel.
KAR_KEYCONT
Key control (Pitch Shift) ON/OFF
Address: 0x83
Type: R/W
Reset value: 0
Description:
.
KAR_KEYVALUE
Key value
Address: 0x84
Type: R/W
Reset value: 0x00
Description:
The pitch shift can be changed from -3.5 to 3.5 tones,
in steps of 1/4 tone. This register sets the number of
tones according to the following table:
7654321
0
value
Bitfield
Description
Value
0x00: Scale factor 0 = left channel mute
0x7F: Scale factor 0.5 = half restitution of left
channel
0xFF: Scale factor 1.0 = full restitution of left
channel
7654321
0
value
76
543
21
0
Reserved
PSHIFT
Bitfield
Description
PSHIFT
0: pitch shift disabled, 1: pitch shift enabled
7654321
0
KEYVALUE
Key
control
(tone)
-1/
4
-1/
2
-3/
4
-1
-
1.1
6
-
1.3
4
-
1.5
8
-
1.9
3
-2.49 -3.5
KEYVAL
UE
(decimal)
0
123456
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com