Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 42Page - STMicroelectronics STA310 Datasheet HTML 43Page - STMicroelectronics STA310 Datasheet HTML 44Page - STMicroelectronics STA310 Datasheet HTML 45Page - STMicroelectronics STA310 Datasheet HTML 46Page - STMicroelectronics STA310 Datasheet HTML 47Page - STMicroelectronics STA310 Datasheet HTML 48Page - STMicroelectronics STA310 Datasheet HTML 49Page - STMicroelectronics STA310 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
STA310
46/90
Delay on left channel, expressed in number of group
of 16 samples. LDLY = delay (ms) * Fs (kHz) / 16
RDLY
Right channel delay
Address: 0x58
Type: R/W
Software Reset: NC
Hardware Reset:UND
Delay on right channel, expressed in number of
group of 16 samples. RDLY = delay (ms)*Fs (kHz)/16
CDLY
Centre channel delay
Address: 0x59
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
Delay on center channel, expressed in number of
group of 16 samples. CDLY = delay (ms) * Fs (kHz) /
16
SUBDLY
Subwoofer channel delay
Address: 0x5A
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
Delay on subwoofer channel, expressed in number of
group of 16 samples. SUBDLY = delay (ms) * Fs
(kHz) / 16
LSDLY
Left surround channel delay
Address: 0x5B
Type: R/W
Software Reset: NC
Hardware Reset: UND
Delay on left surround channel, expressed in number
of group of 16 samples. LSDLY = delay (ms) * Fs
(kHz) / 16
RSDLY
Right surround channel delay
Address: 0x5C
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
Delay on right surround channel, expressed in num-
ber of group of 16 samples. RSDLY = delay (ms) * Fs
(kHz) / 16.
When only one surround channel is used, this regis-
ter must be reset at initialization.
LVDLY
Left VCR channel delay
Address: 0xAF
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
Delay on left VCR channel, expressed in number of
group of 16 samples.
LSDLY = delay (ms) * Fs (kHz) / 16
76
54
321
0
76
54
321
0
76
54
321
0
76
54
321
0
76
54
321
0
76
54
321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com