Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 75 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 71Page - STMicroelectronics STA310 Datasheet HTML 72Page - STMicroelectronics STA310 Datasheet HTML 73Page - STMicroelectronics STA310 Datasheet HTML 74Page - STMicroelectronics STA310 Datasheet HTML 75Page - STMicroelectronics STA310 Datasheet HTML 76Page - STMicroelectronics STA310 Datasheet HTML 77Page - STMicroelectronics STA310 Datasheet HTML 78Page - STMicroelectronics STA310 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 90 page
background image
75/90
STA310
Description:
This register sets the balance between the original
sound and its delayed version for the echo and cho-
rus effects according to the formula.
echo (or chorus) output = original_sound * (1 - bal-
ance) + delayed_sound * balance
where balance = Balance[7:0] / 255
where balance can vary in the range of 0 to 1. A bal-
ance limit of 0.5 is recommended. BALANCE[7:0] =
balance * 255.
KAR_VMUTE
Voice channel mute
Address: 0x8F
Type: R/W
Reset value: 0x00
Description:
This register mutes the voice channel: ’0’ means not
muted and ’1’ means muted.
KAR_PLAY
Mute of voice and music
Address: 0x90
Type: R/W
Reset value: 0x01
Description:
This register mutes the voice and the music channels
simultaneously: PLAY = ’0’ means muted and ’1’
means playing. The registers
and KAR_VMUTE
have priority for muting.
KAR_MODE
Operating mode selection
Address + 0x91
Type: R/W
Reset value: 0x01
Description:
This register specifies the working mode of the
Karaoke module.
KAR_DIN_CTL
Control of voice channel
Address: 0x92
Type: R/W
Reset Value: 0x00
Description:
This register specifies the input format for configuring
7654321
0
Reserved
MUTE
76
54
321
0
Reserved
PLAY
7
65432
1
0
Reserved
KAR_MODE[1:0]
Bitfield
Description
KAR_MODE
[1:0]
00: Karaoke processor in waiting mode.
This is the default mode after a hardware
reset, total or partial software reset. This
mode is used to programme all the
registers at first initialization.
01: Karaoke processor running.
10: Partial Software reset. This resets the
internal DSP program but keep the
register configuration as it was before the
partial reset. When the partial reset is
finished, KAR_MODE[1:0] is automatically
set to ’01’.
11: Total Software reset. The program is
reset and the registers values are
changed back to their reset default values.
7
6
5
4
32
10
Reserv
ed
JUSTIF DELAY WS_P
OL
CLK_P
OL
WS[1:0]
DINEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com