Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 1 Page - STMicroelectronics

  STA310 Datasheet HTML 1Page - STMicroelectronics STA310 Datasheet HTML 2Page - STMicroelectronics STA310 Datasheet HTML 3Page - STMicroelectronics STA310 Datasheet HTML 4Page - STMicroelectronics STA310 Datasheet HTML 5Page - STMicroelectronics STA310 Datasheet HTML 6Page - STMicroelectronics STA310 Datasheet HTML 7Page - STMicroelectronics STA310 Datasheet HTML 8Page - STMicroelectronics STA310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
1/90
STA310
June 2003
This is preliminary information on a new product now in development. Details are subject to change without notice.
1
FEATURES
s
DVD Audio decoder:
„
Meridian Lossless Packing (MLP), with
up to 6 channels,
„
Uncompressed LPCM with 1-8 channels,
„
Precision of up to 24 bits and sample rates
of between 44.1 kHz and 192 kHz.
s
Dolby Digital (*) decoder:
„
Decodes 5.1
Dolby Digital Surround.
„
Output up to 6 channels. downmix modes:
1, 2, 3 or 4 channels.
s
MPEG -1 2- channel audio decoder, layers I and
II.
s
MPEG-2 6-channel audio decoder, layer II.
„
24 bits decoding precision.
s
MP3 (MPEG layer III) decoder.
s
Accepts MPEG-2 PES stream format for:
MPEG-2, MPEG-1, Dolby Digital and linear
PCM.
s
Karaoke System.
s
Prologic decoder.
s
Downmix for Dolby Prologic compatible.
„
A separate (2-ch) PCM output available for
simultaneous playing and recording.
s
Bitstream input interface: serial, parallel or
SPDIF.
s
SPDIF and IEC-61937 input interface.
s
SPDIF and IEC-61937 output interface.
s
PLL for internal PCM clock generation.
frequencies supported: 44.1KHz family (22.05,
88.2, 176.4) and 48KHz family (24, 48, 96, 192).
s
PCM: transparent, downsampling 192 to 96 Khz
and 96 to 48kHz.
s
PTS handling control on-chip.
s
No external DRAM required
s
I2C or parallel control bus
s
Embedded
Development RAM for
customizable software capability.
s
Configurable internal PLLs for system and
audio clocks, from an externally provided clock.
s
80-PIN TQFP package
s
2.5V (for core) and 3V (for I/O) power supply.
„
3V Capable I/O Pads .
s
True-SPDIF input receiver supporting AES/
EBU, IEC958, S/PDIF.
„
No external chip required.
„
Differential or single ended inputs can be
decoded.
APPLICATIONS
s
High-end audio equipment.
s
DVD consumer players.
s
Set top box.
s
HDTV .
s
Multimedia PC.
(*) “Dolby “, “AC-3” and “ProLogic” are
trademarks of Dolby Laboratories.
DESCRIPTION
The STA310 is a fully integrated Audio Decoder ca-
pable of decoding all the above listed formats.
Encoded input data can be entered either by a serial
(I2S or SPDIF) or a parallel interface. A second input
data stream (I2S) is available for micro input.
The control interface can be either I2C or a parallel 8-
bit interface. No external DRAM is necessary for a to-
tal of 35ms surround delays.
TQFP80
ORDERING NUMBER: STA310
PRELYMINARY DATA
6+2-CH. MULTISTANDARD AUDIO DECODER


Similar Part No. - STA310

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA311B STMICROELECTRONICS-STA311B Datasheet
1Mb / 102P
Multichannel digital audio processor with FFXTM
21-Oct-2013
STA311BTR STMICROELECTRONICS-STA311BTR Datasheet
1Mb / 102P
Multichannel digital audio processor with FFXTM
21-Oct-2013
logo
Sanken electric
STA312 SANKEN-STA312 Datasheet
18Kb / 1P
NPN General purpose
STA312A SANKEN-STA312A Datasheet
18Kb / 1P
NPN General purpose
STA315 SANKEN-STA315 Datasheet
24Kb / 1P
Power Transistor Array
More results

Similar Description - STA310

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA9051 PHILIPS-SAA9051 Datasheet
1Mb / 44P
Digital multistandard TV decoder
May 1991
TDA4555 PHILIPS-TDA4555 Datasheet
107Kb / 11P
Multistandard decoder
November 1984
TDA4557 PHILIPS-TDA4557 Datasheet
88Kb / 11P
Multistandard decoder
March 1991
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
MULTISTANDARD VIDEO DECODER
KS0127B SAMSUNG-KS0127B Datasheet
1Mb / 96P
MULTISTANDARD VIDEO DECODER/SCALER
S5D0127X01 SAMSUNG-S5D0127X01 Datasheet
1Mb / 96P
MULTISTANDARD VIDEO DECODER/SCALER
S5D2650 SAMSUNG-S5D2650 Datasheet
1Mb / 95P
MULTISTANDARD VIDEO DECODER/SCALER
logo
Princeton Technology Co...
PT2323 PTC-PT2323 Datasheet
109Kb / 4P
6-Ch Audio Selector
logo
NXP Semiconductors
SAA7162E NXP-SAA7162E Datasheet
133Kb / 18P
PCI Express based dual channel multistandard audio and video decoder
Rev. 02-13 August 2007
logo
WISDOM INTERNATIONAL TE...
CSC2323 WISWOOD-CSC2323 Datasheet
131Kb / 4P
6-Ch Audio Selector
July, 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com