Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 83 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 79Page - STMicroelectronics STA310 Datasheet HTML 80Page - STMicroelectronics STA310 Datasheet HTML 81Page - STMicroelectronics STA310 Datasheet HTML 82Page - STMicroelectronics STA310 Datasheet HTML 83Page - STMicroelectronics STA310 Datasheet HTML 84Page - STMicroelectronics STA310 Datasheet HTML 85Page - STMicroelectronics STA310 Datasheet HTML 86Page - STMicroelectronics STA310 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 90 page
background image
83/90
STA310
PCMV_STATUS2
Address : 0x78
Type: RW
Reset Value: UND
Description:
This register sets the dynamic range compression
from the first access unit. For the hexadecimal value
0x80, dynamic range control is not set. For all other
values, the dynamic range control is
(24.082 - 6.0206 * X - 0.2007 * Y)dB, where
X = dynamic_range_control[7..5] and
Y = dynamic_range_control[4..0].
LPCMV_CH_ASSIGN
Channel assignment
Address: 0xA8
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
PCMV_MULTI_CHS
Multi channels
Address: 0xA9
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
9.24 MLP registers
MLP_CRC
CRC check
Address: 0x6C
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
This register controls the four different CRCs in MLP.
If the check is false, an error is returned (error num-
bers 80-83 in register and the outputs of all 6 chan-
nels are muted
MLP_DOWNMIX
Downmix
Address: 0x6F
Type: R/W
Software Reset: NC
Hardware Reset: UND
76543210
Dyn_Range_Control
7
65432
1
0
Reserved
Value
Value
Description
Value
(decimal)
This register configures the audio channels:
See "DVD Specifications for Read-Only
Disc", Part 4 AUDIO SPECIFICATIONS,
Version 1.0, March 1999, Table C.1-2.
7654321
0
Reserved
Value
Value
Description
Value (decimal)
This register configures the multi
channel structure for the output
channels:
0: Stereo
1: Multi channels
765
4
3
2
1
0
reserved
SU_P MA_S MS_C
RH_C
Bitfield
Description
RH_C
1: Check of ’Restart_Header_CRC’ enable
MS_C
1: Check of ’Major_Sync_CRC’ enable
MA_C
1: Check of ’Max_Shift’ enable
SU_P
1: Check of ’Substream_Parity’ enable
7654321
0
DWNMIX[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com