Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 66Page - STMicroelectronics STA310 Datasheet HTML 67Page - STMicroelectronics STA310 Datasheet HTML 68Page - STMicroelectronics STA310 Datasheet HTML 69Page - STMicroelectronics STA310 Datasheet HTML 70Page - STMicroelectronics STA310 Datasheet HTML 71Page - STMicroelectronics STA310 Datasheet HTML 72Page - STMicroelectronics STA310 Datasheet HTML 73Page - STMicroelectronics STA310 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 90 page
background image
STA310
70/90
MP_STATUS0
MPEG status register 0
Address : 0x76
Type: RO
Software Reset: UND
Hardware Reset: UND
Description:
MP_STATUS1
MPEG status register 1
Address: 0x77
Type: RO
Software Reset: UND
Hardware Reset: UND
Description:
MP_STATUS2
MPEG status register 2
Address: 0x78
Type: RO
Software Reset: UND
Hardware Reset: UND
Description:
MP_STATUS3
MPEG status register 3
Address : 0x79
Type: RO
Software Reset: UND
Hardware Reset: UND
0x1B 3/0 Karaoke
Capable: V1 ON,
V2 OFF
Lk = L + 0.707 A1, Ck = G, Rk
= R
0x1C 3/0 Karaoke
Capable: V1 OFF,
V2 ON
Lk = L, Ck = G, Rk = R +
0.707 A2
0x1D 3/0 Karaoke
Capable: V1 OFF,
V2 OFF
Lk = L, Ck = G, Rk = R
0x1E 3/0 Karaoke
Capable: V1 ON,
V2 OFF
(Dolby Digital like)
Lk = L, Ck = G + A1, Rk = R
0x1F 3/0 Karaoke
Capable: V1 OFF,
V2 ON
(Dolby Digital like)
Lk = L, Ck = G + A2, Rk = R
7654321
0
ID
LAY[1:0]
P
BRI[3:0]
Bitfield
Description
BRI[3:0]
Bit rate index
P
Protection Bit
LAY[1:0]
Layer
ID
Identifier
7654321
0
SFR[1:0]
PAD
PRI
MOD[1:0]
MEX[1:0]
Bitfield
Description
MEX[1:0]
Mode Extension
MOD[1:0]
Mode
PRI
Private Bit
PAD
Padding Bit
SFR[1:0]
Sampling Frequency
7654321
0
not used
C
OCB
EMP[1:0]
Bitfield
Description
EMP[1:0]
Emphasis rate index
OCB
Original/Copy Bit
C
Copyright
76543
21
0
CEN[1:0]
SUR[1:0]
LFE
AMX
DEM[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com