Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 50Page - STMicroelectronics STA310 Datasheet HTML 51Page - STMicroelectronics STA310 Datasheet HTML 52Page - STMicroelectronics STA310 Datasheet HTML 53Page - STMicroelectronics STA310 Datasheet HTML 54Page - STMicroelectronics STA310 Datasheet HTML 55Page - STMicroelectronics STA310 Datasheet HTML 56Page - STMicroelectronics STA310 Datasheet HTML 57Page - STMicroelectronics STA310 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 90 page
background image
STA310
54/90
Description: These registers indicate which interrupt
occurred. Provided an interrupt is enabled through
the register INTE, if the corresponding bit of INT is
set, the corresponding interrupt has occurred. The
signal IRQ is activated whenever one of the bits of
INT become set. Depending on the nature of the con-
dition, clearing a bit in INT register is performed by ei-
ther reading the MSB of INT register, or by reading
the MSB of the associated condition registers (see
below). This register is reset by software reset.
The table below shows the interrupt nature indicated
by each bit..
Notes: 1. Cleared when a reset occurs or when the MSB of the in-
terrupt register is read
2. Cleared when a reset occurs or when the MSB of the
corresponding register is read. Affected registers are
listed in the following table
3. Only available in STA310 cut 2.0
9.11 Interrupt status registers
SYNC_STATUS
Synchronization status
Address: 0x40
Type: RO
Software Reset: UND
Hardware Reset: UND
Bit
Numer
Name
Condition Signalled
0
SYN
Change in Synchronization Status (1)
1
HDR
Valid Header Registered (1)
2
ERR
Error Detected (1)
3
SFR
Sampling frequency changed (2)
4
DEM
De-emphasis Changed (2)
5
BOF
First Bit of New Frame at Output
Stage (2)
6
PTS
First Bit of New Frame with PTS at
Output Stage (2)
7
ANC
Not implemented
8
PCM
PCM Output Underflow (2)
9
FBF
Frame Buffer Full: The frame buffer
memory contains 2 frames: one
decoded, and one parsed for next
decoding
10
FBE
Frame Buffer Empty: The frame
buffer memory contains 1 frame
which begins to be decoded. The
next frame begins to be parsed
11
FIO
FIFO Input has Overflowed (2)
12
RST(3)
The STA310 has detected a change
in the incoming audio format. The
soft Reset produce must be applied
and the device must be re-initialized
according to the new audio format
detected. Registers DECODESEL
(0x4d) and STREAMSEL (0x4c)
contain the new audio format (1)
13
LCK(3)
A break has occurred in the S/PDIF
stream causing the internal S/PDIF
PLL to get unlocked. The soft reset
procedure must be applied and the
device must be re-initialized
according to the current audio format
decoding contained in the registers
DECODESEL (0x4d) and
SRTREAMSEL (0x4c). (1)
14
USD
Reserved
15
TBD
Reserved
Address
Name
0x0F
ERROR
0x40
SYNCSTATUS
0x41
ANCCOUNT
0x42
HEAD 4
0x46
PTS [32]
765
4321
0
PAC
FRA
Bit
Numer
Name
Condition Signalled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com