Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 35Page - STMicroelectronics STA310 Datasheet HTML 36Page - STMicroelectronics STA310 Datasheet HTML 37Page - STMicroelectronics STA310 Datasheet HTML 38Page - STMicroelectronics STA310 Datasheet HTML 39Page - STMicroelectronics STA310 Datasheet HTML 40Page - STMicroelectronics STA310 Datasheet HTML 41Page - STMicroelectronics STA310 Datasheet HTML 42Page - STMicroelectronics STA310 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
39/90
STA310
Software Reset: NA
Hardware Reset: NA
Description:
This version register is read only and is used to iden-
tify the audio hardware version. The version register
holds a number which refers to the cut number. The
version numbers are defined as below:
- STA310 cut 1.0, version number is : 0x10
- STA310 cut 2.0, version number is : 0x10
9.4 SETUP & INPUT REGISTERS
The STA310 can get receive an input bitstream either
from the I2s input or ffrom the Spdif input, the selec-
tion and the configuration is done through 2 registers
SIN_SETUP @ 12 and CAN_SETUP @ 13.
SIN SETUP
Input data setup
Address: 0x0C
Type: R/W
Software Reset: NC
Hardware Reset: 0
Description:
This register is used to configure the input data inter-
face. The register must be setup before sending data
to the IC. The mapping of the register isescribed be-
low. Remember that the data must be sent to the de-
vice MSB first.
- SPDIF data frpm SPDIF when set to 1, data
from main I2S input.
- POL Polarity of the REQ signal. When set,
the REQ pin is active low: data must be input
when REQ is low. When reset, the REQ pin is
active high and data must be input when REQ
is high.
- IMODE[1...0] Input mode. Indicates which
data input interface is used.
The configuration of the 3 possible interfaces is
shown below:
When the IC is configured in mode 1 or 3, the
CAN_SETUP register is used to configure the IC with
repect to the data format.
CAN_SETUP
A/D converter setup
Address : 0x0D
Type: R/W
Software Reset: NC
Hardware Reset: 0
Description:
CAN_SETUP is used to configure the data serial in-
terface. The register is only taken into account when
the register sin_setup [1...0] = 3.
Also see SIN_SETUP register./
- S16 When set, the slot count is 16. When re-
set, the slot count is 32 but only the first 16
are extracted.
- SAM When set data is sampled on the falling
edge of the DSTR. When reset, the data is
sampled on the rising edge of DSTR
- FIR When set the first channel (Left) is input
when Lrclkin=1. When reset, the first channel
is input when Lrclkin=0.
- PAD When set, data Lrclkin is delayed by one
cycle (padding mode).
When the IC is configured with the S/PDIF input, reg-
ister CAN_SETUP must be set to 2
DATAIN
Data input
76
54
3
2
1
0
SPDIF
POL
IMODE [1...0]
IMODE[1:0]
Mode
0
Parallel input (DSTR+Data [7:0] + REQ)
1
Serial input (DSTR + SIN + REQ)
2
Reserved - Not used
3
A/D input (DSTR+LRCLKIN+REQ+SIN;
SPDIF input; PCM input
76
54
321
0
S16
SAM
FIR
PAD
76
54
321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com