Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 52Page - STMicroelectronics STA310 Datasheet HTML 53Page - STMicroelectronics STA310 Datasheet HTML 54Page - STMicroelectronics STA310 Datasheet HTML 55Page - STMicroelectronics STA310 Datasheet HTML 56Page - STMicroelectronics STA310 Datasheet HTML 57Page - STMicroelectronics STA310 Datasheet HTML 58Page - STMicroelectronics STA310 Datasheet HTML 59Page - STMicroelectronics STA310 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 90 page
background image
STA310
56/90
This
register
contains
header
data
HEAD[23:16].HEAD3[7:5]=“000”,
in
all
cases
HEAD3[4:0] = DTYPE
DTYPE is the data type and is defined as follows:
This register can not detect the data-type of data in a stream.
HEADLEN
Frame length
Address: 0x44 - 0x45
Type: RO
Software Reset: UND
Hardware Reset: UND
Description:
The HEADLEN register contains the bit length of the
compressed data frame HEAD[15:0]. HEADER reg-
isters are all updated as soon as the decoder begins
to decode a frame.
PTS
PTS
Address: 0x46 to 0x4A
Type: R/W
Software Reset: UND
Hardware Reset: UND
Description:
When the PTS interrupt is activated, a new PTS val-
ue is stored in this register. Once the PTS[32] value
is read bit PTS of the PTS register is cleared.
ERROR
ERROR code
Address + 0x0F
Type: RO
Software Reset: 0
Hardware Reset:0
Description:
This is a status register, when read by the ST20, this
and the corresponding interrupt register are cleared.
This 7-bit register is ANDed with 0x7F to get the cor-
rect value. The value in the ERROR register indi-
cates the type of error that has occurred. These
errors are defined in the table below.
Bit
Description
DTYPE
0000: Null data or Linear PCM
0001: Dolby Digital
0100: MPEG-1 Layer I
0101: MPEG-1 Layer II or MPEG-2
word extension
0110: MPEG-2 Layer II with extension
1001: MPEG-2 Layer II low sample
rate
(11) 1011: DTS-1 (Frame Size 512)
(12) 1100: DTS-2 (Frame Size 1024)
(13) 1101: DTS-3 (Frame Size 2048)
76
5
4
3
2
1
0
HEADLEN[15:8]
HEADLEN[7:0]
76
5
4
3
2
1
0
0x46
PTS[32]
0x47
PTS[31:24]
0x48
PTS[23:16]
0x49
PTS[15:8]
0x4A
PTS[7:0]
76
5432
1
0
Error Name
Value
(decimal)
Dolby Digital decoding
No error
0
EXPAND_DELTA_PAST_END_ARRAY
1
XDCALL_TRY_TO_REUSE_REMAT_FLG
2
XDCALL_TRY_TO_REUSE_COUPLING_ST
RA
3
XDCALL_CANT_COUPLE_IN_DUAL_MODE
4
XDCALL_TRY_TO_REUSE_CPL_LEAK
5
XDCALL_TRY_TO_REUSE_SNR
6
XDCALL_TRY_TO_REUSE_BIT_ALLOC
7
XDCALL_TRY_TO_REUSE_COUPLING_EX
PONENT_STRA
8
XDCALL_TRY_TO_REUSE_EXPONENT_S
TRA
9
XDCALL_TRY_TO_REUSE_LFE_EXPONEN
T_STRA
10
XDCALL_CHBWCOD_IS_TOO_HIGH
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com