Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 60Page - STMicroelectronics STA310 Datasheet HTML 61Page - STMicroelectronics STA310 Datasheet HTML 62Page - STMicroelectronics STA310 Datasheet HTML 63Page - STMicroelectronics STA310 Datasheet HTML 64Page - STMicroelectronics STA310 Datasheet HTML 65Page - STMicroelectronics STA310 Datasheet HTML 66Page - STMicroelectronics STA310 Datasheet HTML 67Page - STMicroelectronics STA310 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
STA310
64/90
AC3_HDR
High dynamic range
Address: 0x6A
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
This register corresponds to the Dynamic range
scale factor for high level signals, also called cut fac-
tor in the Dolby specifications.
HDR = 255 * Cut Factor (in decimal), where the cut
factor is a fractional number between 0 and 1. It is
used to scale the dynamic range control word for
high-level signals that would otherwise tend to be re-
duced.
When HDR = 0xff (cut factor = 1.0), the high level sig-
nals reduction is the one given in the stream.
A value of zero disables the high-level compression.
This word is ignored if the compression mode is set
to RF mode.
AC3_LDR
Low dynamic range
Address : 0x6B
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
This register corresponds to the Dynamic range
scale factor for low level signals, also called boost
factor in the Dolby specifications.
LDR = 255 * BoostFactor (in decimal), where the
boost factor is a fractional number between 0 and
1.0. The boost factor scales the dynamic range con-
trol-word for low-level signals that would otherwise
tend to be amplified.
When LDR = 0xff (boost factor = 1.0), and the low
level signals amplification is maximum.
A value of zero disables the low-level amplification.
This word is ignored if the compression mode is set
to RF mode.
AC3_RPC
Repeat count
Address + 0x6C
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
When a CRC error is detected, previous blocks can
be repeated or muted.
This register specifies the number of audio blocks to
repeat before muting. If this is zero, then blocks are
muted until the next frame is decoded
AC3_KARAMODE
Karaoke downmix
AudioBaseAddress + 0x6D
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
Downmix mode when a karaoke bit stream is re-
ceived.
A Karaoke bitstream can be composed of 5 chan-
nels, which are: L (left), R (right), M (Music), V1(Vocal
1), V2 (Vocal 2).
There are two major modes when receiving a
Karaoke bitstream: aware and capable.
When in 'aware' mode (
KARAMODE = 0), a pre-
defined downmix is applied on all incoming channels.
When in 'capable' mode ( KARAMODE = 4, 5, 6, 7),
the user can choose to reproduce or not the two in-
7654321
0
7654321
0
7654321
0
7654321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com