Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 47Page - STMicroelectronics STA310 Datasheet HTML 48Page - STMicroelectronics STA310 Datasheet HTML 49Page - STMicroelectronics STA310 Datasheet HTML 50Page - STMicroelectronics STA310 Datasheet HTML 51Page - STMicroelectronics STA310 Datasheet HTML 52Page - STMicroelectronics STA310 Datasheet HTML 53Page - STMicroelectronics STA310 Datasheet HTML 54Page - STMicroelectronics STA310 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 90 page
background image
51/90
STA310
The minimum latency delay is 0; the maximum laten-
cy delay is the time to decode a frame:
SPDIF_DTDI
SPDIF data-type information
Address: 0x7F
Type: R/W
Software Reset: NC
Hardware: Reset: UND
Description::
AUTODETECT_ENA
S/PDIF Autodetection Enable
Address: 0xE0
Type: R/W
Software Reset: 0
Hardware: Reset: UND
Description:
The feature is only available for STA310 cut 2.0. This
register is used to enable the autodetection on the S/
PDIF. When high, the autodetection is present. When
low, autodetection is disable.
The STA310 cut 2.0 is able to detect the following au-
dio format changes on the S?PDIF input.
The host must respond to the RST and LCK interrupt
in order for the STA310 to take into account the
change of the audio format.
AUTODETECT_SENS
S/PDIF Autodetection Sensitivity
Address: 0xE1
Type: R/W
Software Reset: 0
Hardware: Reset: UND
Description:
The feature is only available for STA310 cut 2.0. This
register is used to configure the autodetection sensi-
tivity. The lower is SENS, the faster is the autodetec-
tion. Typical value is 0.
AUTODETECT_ ALIGN
S/PDIF Autodetection Alignement
Address: 0xE2
Type: R/W
Software Reset: 0
Hardware: Reset: UND
Description:
Bitfield
Description
Value
Dolby Digital: L = 1536 samples / Sampling
frequency
MPEG:
L = 1152 samples / Sampling
frequency
76
5
4
3
2
1
0
PFC
DTD
INF
Bitfield
Description
DTDI[4:0]
in Dolby Digital mode:
4
3
2
1
0
0
0
BSMOD
[2..0]
in MPEG mode:
4
3
2
1
0
000
DR
K
DTD
1: Data-type dependent information used
for the SPDIF in compressed mode, can be
set by the user.
Refer to IEC958 standard for more
information.
0: Transmitted DTDI are extracted from the
stream.
PFC
1: PCMCROSS function enabled
76
5
4
3
2
1
0
ENA
FROM
TO
AC3
PCM
AC3
MPEG
MPEG
AC3
MPEG
PCM
PCM
AC3
PCM
MPEG
76
5
4
3
2
1
0
SENS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com