Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 48Page - STMicroelectronics STA310 Datasheet HTML 49Page - STMicroelectronics STA310 Datasheet HTML 50Page - STMicroelectronics STA310 Datasheet HTML 51Page - STMicroelectronics STA310 Datasheet HTML 52Page - STMicroelectronics STA310 Datasheet HTML 53Page - STMicroelectronics STA310 Datasheet HTML 54Page - STMicroelectronics STA310 Datasheet HTML 55Page - STMicroelectronics STA310 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
STA310
52/90
The feature is only available for STA310 cut 2.0. This
register is used to configure the Left/Right sample
alignement of the S/PDIF. Typical value is 10
9.9 Audio command registers
SOFTRESET
Soft reset
Address: 0x10
Type: W0
Software Reset: NA
Hardware: Reset: NA
Description:
When bit 0 of this register is set, a soft reset occurs.
The command registers and the interrupt registers
listed below are cleared.
The decoder goes into idle mode and the volumes
are cleared.
Command registers:
MUTE,
RUN,
PLAY,
SKIP_MUTE_CMD
and
SKIP_MUTE_VALUE
Interrupt registers:
INTE, INT and ERROR
PLAY
Play
Address: 0x13
Type: R/W
Software Reset: 0
Hardware: Reset: 0
Description:
The PLAY command is treated according to the state
of the decoder:
s
When in idle mode, the PLAY value is not taken
into account by the decoder.
s
When in init mode, the PLAY value is not taken
into account by the decoder.
s
When in decode mode, PLAY enables the
decoding, see table below:
MUTE
Mute
Address: 0x14
Type: R/W
Software Reset: 0
Hardware: Reset: 0
Description:
The MUTE command is handled differently according
to the state of the decoder:
s
When in idle mode after hardware reset, setting
MUTE to “1” automatically runs the DAC_SCLK
and DAC_LRCLK clocks and outputs them to
the DACs.
s
When playing, setting MUTE to “1” mutes the
PCM outputs.
s
The MUTE register has no effect on the SPDIF
output.
RUN
RUN decoding
Address: 0x72
76
54
321
0
76
543
2
1
0
PLAY
PLAY
value
MUTE
value
DAC_SCLK,
DAC_LRCLK
state
DAC_PC
MOUT
Decoding
0
0
Not running
0
No
0
1
Running
0
No
1
0
Running
Decoded
samples
Yes
1
1
Running
0
Yes
76
5
4
3
2
1
0
MUTE
7
6
5
4
321
0
RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com