Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 13Page - STMicroelectronics STA310 Datasheet HTML 14Page - STMicroelectronics STA310 Datasheet HTML 15Page - STMicroelectronics STA310 Datasheet HTML 16Page - STMicroelectronics STA310 Datasheet HTML 17Page - STMicroelectronics STA310 Datasheet HTML 18Page - STMicroelectronics STA310 Datasheet HTML 19Page - STMicroelectronics STA310 Datasheet HTML 20Page - STMicroelectronics STA310 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 90 page
background image
17/90
STA310
4.4.1.5 Second Input
A second independent input allows to input bitstreams in serial mode.
This second input can be used, to input audio stream from a microphone, while we decode a data stream trough
the main input.
4.4.2 Data parallel interface
Two ways are available to input data in parallel mode:
- Either through the parallel data bus, shared with the external controller,
- Or through the DATAIN register
4.4.2.1 Using the parallel data bus
In this mode the data must be presented on the 8-bit parallel host data bus D[7..0]. Note that this bus is shared
with the external controller. On the rising clock of DSTR the data byte is sampled by the STA310. The signal
REQ is used to signal when the input FIFO is full. When REQ is de-asserted the transfer must be stopped to
avoid data loss.
After the REQ is de-asserted, the decoder is still able to accept data for a limited number of clock cycles.
The maximum number of data that can be transmitted with respect to the change of REQ is given by the follow-
ing formula: Nbits = 23 - 6 * FDSTR/33MHz, where: FDSTR is the DSTR clock frequency, (max is 33 MHz).
The signals DSTR and DCSB are used to make the distinction between Stream Data (strobed by DSTR) and
Control Data (strobed by DCSB). To avoid conflicts, the DSTR signal and the DCSB signal must respect given
timing constraints.
4.4.2.2 Using the DATAIN register
The data can be input by using the control parallel interface as if accessing any other register.
The signal DCSB is therefore used. When using this register to input data stream, there is no need to byte-align
the data.
Figure 8.
LRCLKIN
DSTR
SIN
Transferred data
Discarded data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com