Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 4Page - STMicroelectronics STA310 Datasheet HTML 5Page - STMicroelectronics STA310 Datasheet HTML 6Page - STMicroelectronics STA310 Datasheet HTML 7Page - STMicroelectronics STA310 Datasheet HTML 8Page - STMicroelectronics STA310 Datasheet HTML 9Page - STMicroelectronics STA310 Datasheet HTML 10Page - STMicroelectronics STA310 Datasheet HTML 11Page - STMicroelectronics STA310 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
STA310
8/90
3.2 Functional diagram
Figure 2. Audio decoder top level functional diagram
3.3 Control interface description
The IC can be controlled either by a host using an I²C interface, or by a general purpose host interface.
These interfaces provide the same functions and are described in the following sections. The selection is per-
formed by the means of the pin SELI2C: when high, this pin indicates that the I²C interface is used. When low,
the parallel interface is used.
3.3.1 Parallel control interface
When the pin SELI2C is low, the control of the chip is performed through the parallel interface. When accessing
the device through the parallel interface, the following signals are used:
- The address bus A[7..0]. It is used to select one of the 256 register locations.
- The data bus DATA[7..0]. If a read cycle is requested, the data lines D[7:0] will be driven by the IC.
For a write cycle, the STA310 will latch the data placed on the data lines when the WAIT signal is
driven high.
- The signal R/W. It defines the type of register access: either read (when high), or write (when low).
Some registers can be either written or read, some are read only, some are write only.
- The signal DCSB. A cycle is defined by the assertion of the signal DCSB.
Note: 1. The address bus A[7..0], and read/write signal R/W must be setup before the DCSB line is activated.
PCMOUT1
PCMOUT3
STA310
LPCM
PCM
Sample
Rate
Converter
PCMOUT0
Pink Noise Gen
Beep Tone Gen
L/Lt
R/Rt
C
Lfe
Ls
Rs
DELAY
DELAY
DELAY
L
R
C
lfe
Ls
Rs
Downmix Lt/Rt
LVCR
RVCR
I958OUT
video
NULL DATA
IEC 1937 (AC-3 / MPEG 2)
L
R
C
lfe
Ls
Rs
2
6
PCMOUT2
2 to 6 ch
63
60
61
62
SIN2
LRCLKIN2
DSTRB2
REQ2
I2S_IN2
73
DELAY
DELAY
DELAY
DELAY
DELAY
76
77
72
63 SCLK
68 LRCLK
69 PCMCLK
31 CLK
64 CLKOUT
System
and
Audio
Clocks
58
Switctch
PCM
CDDA
MPEG 1
Layer 1-2
2/0
2to2
6to2
Voice Effects:
Echo,
Chorus
Reverb
Gain
Level Sensitive
Cancel
MP3
6
6
2
2
2
2
AC-3
STA310
6
1..4
1..6
CONTROL
53
46
43
48
21
D[0..7]
A[0..7]
MAINI2CADR
SCLKI2C
SDAI2C
IRQ
DCSB
I2S_IN1
FRAME
BUFFER
42
41
40
37
SIN
LRCLKIN
DSTRB
REQ
PACKET
FORMATTER PTS
MPEG 2
MLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com