Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 7Page - STMicroelectronics STA310 Datasheet HTML 8Page - STMicroelectronics STA310 Datasheet HTML 9Page - STMicroelectronics STA310 Datasheet HTML 10Page - STMicroelectronics STA310 Datasheet HTML 11Page - STMicroelectronics STA310 Datasheet HTML 12Page - STMicroelectronics STA310 Datasheet HTML 13Page - STMicroelectronics STA310 Datasheet HTML 14Page - STMicroelectronics STA310 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
11/90
STA310
4.2 Clocks
There are two embedded PLLs in the STA310: the system PLL and the PCM PLL.
The following is the block diagram of the system and audio clocks used in the STA310
Figure 3. PLL Block Diagram
Figure 4. Block Diagram of Functional PLL
SPDIF
PLL Audio
PLL Sys
plls_config
78
RXN
RXP
Periph 2
Periph 3
/ N
CLK
CLKOUT
Periph 1
W
R
I
SCLOCK
LRCLK
PCMOUT0,1,2,3
PCMCLK
pcm_clk
sys_clk
DSP Core
PCM_OUT
sys_clockout
VCO
Charge
Pump
DIV M+1
Switching
Circuit
DIV (X+1)
PFD
R
C
C3
Ip
Uvco
Frac
dN
Oclk
analog part
Filter (external)
DIV N+1
ClkIn
(27MHz)
pll_disable
update_frac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com