Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 74 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 70Page - STMicroelectronics STA310 Datasheet HTML 71Page - STMicroelectronics STA310 Datasheet HTML 72Page - STMicroelectronics STA310 Datasheet HTML 73Page - STMicroelectronics STA310 Datasheet HTML 74Page - STMicroelectronics STA310 Datasheet HTML 75Page - STMicroelectronics STA310 Datasheet HTML 76Page - STMicroelectronics STA310 Datasheet HTML 77Page - STMicroelectronics STA310 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 90 page
background image
STA310
74/90
KAR_DUET
Duet ON/OFF switch
Address: 0x8A
Type: R/W
Reset value: 0
Description:
The value in this register sets the duet function on or
off. When selected, the duet function is configured by
register KAR_DUETTHRESH.
KAR_DUETTHRESH
Duet threshold control
Address + 0x8B
Type: R/W
Reset delay: 0
Description:
When the
Duet
function
is
enabled
by the
KAR_DUET register, this register specifies the ampli-
tude of the voice line below which the voice is can-
celled. If the amplitude of the voice line is below this
threshold, the recorded voice is played instead. The
value of DUETTHRESHOLD ranges from 0 to 255,
full scale signal.
KAR_VOICE
Selection of voice effects
Address: 0x8C
Type: R/W
Reset delay: 0x0
Description:
KAR_VDELAY
Programmable delay/decay music effects
Address: 0x8D
Type: R/W
Reset value: 0x0
Description:
The value in this register specifies the delay used for
voice input effects. The delay can be set in the range
from 0 to 2048/Fs seconds (where Fs is the sampling
frequency in KHz).
‘desired time delay’ = ( 2048 / Fs) * ( Value / 256)
which gives:
KAR_VDELAY value = (Fs / 8) * ’desired time delay
For reverberation effects, this register gives the de-
cay factor,which can vary within the range 0 to 1.0.
KAR_VBAL
Programmable mix for echo and chorus effects
Address: 0x8E
Type: R/W
Reset value: 0x3F
7
65432
1
0
Reserved
DUET
Bitfield
Description
DUET
0: duet off and 1: duet on
76
54
321
0
DUETTHRESHOLD[7:0]
7
6543
2
1
0
Reserved
MIX VOICEEFF[1:0
]
Bitfield
Description
VOICEEFF Selecte the voice effects:
0: No effect is applied to the voice input
1: Echo is applied to the voice inputs,
tuned by registers
KAR_VDELAY and
KAR_VBAL
2: Chorus is applied to the voice inputs,
tuned by registers
KAR_VDELAY and
KAR_VBAL
3: Reverb is applied to the voice inputs,
tuned by register
KAR_VDELAY.
MIX
Voice channel mixing:
0: No mix, voice is output on centre
channelt
1: Mix music and voice channels into music
channel.
76
54
321
0
Value
76
54
321
0
BALANCE[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com