Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 8Page - STMicroelectronics STA310 Datasheet HTML 9Page - STMicroelectronics STA310 Datasheet HTML 10Page - STMicroelectronics STA310 Datasheet HTML 11Page - STMicroelectronics STA310 Datasheet HTML 12Page - STMicroelectronics STA310 Datasheet HTML 13Page - STMicroelectronics STA310 Datasheet HTML 14Page - STMicroelectronics STA310 Datasheet HTML 15Page - STMicroelectronics STA310 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
STA310
12/90
4.2.1 System clock
The system clock sent to the DSP core and the peripherals can be derived from 4 sources and the selection is
performed through an Host Register; external clock, external clock divided by 2, internal system PLL and inter-
nal system PLL divided by 2.
The system PLL is used to create the system clock from the input clock. This PLL is software programmable
through the Host Registers mechanism. The system PLL is used to set the any frequency up to the maximum
allowed device speed. After hard reset the system clock is running at 47.25MHz. An RC network must be con-
nected to the filter Pin PLLSF.
The system clock is output on the pin CLKOUT after a programmable divider ranging from 1 to 16.
4.2.2 DAC clocks
4.2.2.1 PCM clock
The PCM clock can be either input to the device or generated by the internal PLL or recovered by the embedded
SPDIF receiver. The selection is done via the Host Registers.
After a hardware reset, the internal PLL is disabled and the PCMCLK pad is an input. PCMCLK may be equal
to the PCM output bit rate, or it may be an integer multiple of this, allowing the use of oversampling D-A con-
verters.
The internal fractional PLL is able to generate PCMCLK at any “FsX Oversampling Factor” frequencies, where
Fs is any multiple or sub-multiple of the two 44.1kHz and 48kHz sampling frequencies. An RC network must be
connected to the filter pin PLLAF; refer to External circuitry on page 9 for recommended values.
If the PCMCLK is recovered from the embedded SPDIF receiver, the only supported overampling frquency is
128 Fs.
4.2.2.2 Bit clock SCLK
The PCM serial clock SCLK is the bit clock. It provides clocks for each time slot (16 cycles for each channel in
16-bit mode, 32 cycles for each channel in 18-, 20-, 24-bit modes). The frequency of SCLK is therefore fixed to
2 x Nb time slots x Fs, where Fs is the sample frequency.
The clock is derived from the clock PCMCLK. The register PCMDIVIDER must be configured according to the
selected output precision and the frequency of PCMCLK, so that the device can construct SCLK:
Fsclk = Fpcmclk / (2 x (PCMDIVIDER+1)) gives
Table 1.
The value of PCMDIVIDER = 0 is reserved. If this number is loaded, the divider is bypassed and the frequency
of SCLK equals the frequency of PCMCLK. The PCMDIVIDER register must be setup before the output of SCLK
starts.
This can be done by first disabling PCM outputs, by de-asserting the MUTE and PLAY commands and then
writing into the PCMDIVIDER register. Once the register is setup, the MUTE and/or PLAY commands can be
asserted. PCMDIVIDER can not be changed “on the fly”.
PCM Divider Value
Mode Description
5
PCMCLK = 384 Fs, DAC is 16-bit mode
3
PCMLK = 256 Fs, DAC is 16-bit mode
2
PCMLK = 384 Fs, DAC is 32-bit mode
1
PCMLK = 256 Fs, DAC is 32-bit mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com