Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 87 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 82Page - STMicroelectronics STA310 Datasheet HTML 83Page - STMicroelectronics STA310 Datasheet HTML 84Page - STMicroelectronics STA310 Datasheet HTML 85Page - STMicroelectronics STA310 Datasheet HTML 86Page - STMicroelectronics STA310 Datasheet HTML 87Page - STMicroelectronics STA310 Datasheet HTML 88Page - STMicroelectronics STA310 Datasheet HTML 89Page - STMicroelectronics STA310 Datasheet HTML 90Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 87 / 90 page
background image
87/90
STA310
INIT_RAM
RAM initialization
Address : 0xFF
Type: RO
Software Reset: 1
Hardware Reset: 0
Description:
The register is used to signal when the STA310 has finished to boot.
After a soft reset or a hardware reset, or a hardware reset, the host processor must wait until INIT_RAM hold
the value “1”.
the host can then start to configure the STA310 according to its application
APPENDIX A OVERVIEW OF THE CHIP
This STA310 is based on a very high performances low power general purpose DSP core, MMDSP+, and a set
of dedicated peripherals. Internal audio and system PLL allows to configure the chip for a wide range of audio
frequencies and DSP processing power (1 to 100 Mips).
A.1 Architectural Block Diagram
765
432
1
0
Reserved
RAM_INIT
ST ASDSP
Xbus
Ybus
Emulation
18Kx24
Rom
15Kx24
Ram
32 Kinstr
Rom
S/Pdif
in
I2S
Packet
Parser
Frame Buffer
32k x 8
Parallel
Audio
Parser
Dbit/Nbit
DMA x 3
pcm
RS232
Data in
Host
host
registers
Sys PLL
in
in/out
slave
1WS Mem
Audio PLL
Two
MMDSP+
core
Parallel
I2C
64Kx8
2048 bits
input FIFO
CRC
checkers
256x24
Ram
768words
Ram
S/Pdiff
out
4x2
out
CNA interf
I2S/Sony
DMA
4Kx16
Ram
Second Serial Input
I2Sin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com