Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 71 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 67Page - STMicroelectronics STA310 Datasheet HTML 68Page - STMicroelectronics STA310 Datasheet HTML 69Page - STMicroelectronics STA310 Datasheet HTML 70Page - STMicroelectronics STA310 Datasheet HTML 71Page - STMicroelectronics STA310 Datasheet HTML 72Page - STMicroelectronics STA310 Datasheet HTML 73Page - STMicroelectronics STA310 Datasheet HTML 74Page - STMicroelectronics STA310 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
71/90
STA310
Description:
MP_STATUS4
MPEG status register 4
Address: 0x7A
Type: RO
Software Reset: UND
Hardware Reset: UND
Description:
MP_STATUS5
MPEG status register 5
Address: 0x7B
Type: RO
Software Reset: UND
Hardware Reset: UND
Description:
The number of extended ancillary data bytes is con-
tained in this register
9.18 Pink noise generation registers
PN_DOWNMIX
Pink noise downmix
Address: 0x6F
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
After this processing, the OCFG stage is applied on
these channels. OCFG must be configured to 0 and
attenuation on all channels must be set to 10dB at-
tenuation.
The other values must not be used because low fre-
quency extraction must not be done when generating
pink noise.
Pink noise selection is made through the
STREAM-
SEL and
DECODSEL registers.
9.19 PCM beep-tone registers
PCM_BTONE
PCM beep tone frequency
Address: 0x68
Bitfield
Description
DEM[1:0]
Dematrix procedure
AMX
Audio mix
LFE
LFE
SUR[1:0]
Surround
CEN[1:0]
Centre
765
4321
0
EXT
NML[2:0]
MFS
MLY
CIB
CIS
Bitfield
Description
CIS
Copyright ID Start
CIB
Copyright ID Bit
MLY
Multi-lingual Layer
MFS
Multi-lingual FS
NML[2:0]
Number of Multi-lingual Channels
EXT
Extension bitstream present
765
4321
0
76
54
32
1
0
RS
LS
LFE
C
R
L
Bitfield
Description
L
1: Left channel contains pink noise
0: Left channel is forced to zero
R
1: Right channel contains pink noise
0: Right channel is forced to zero
C
1: Center channel contains pink noise
0: Center channel is forced to zero
LFE
1: LFE channel contains pink noise
0: LFE channel is forced to zero
LS
1: Left surround channel contain pink noise
0: Left surround channel is forced to zero
RS
1: Right surround channel contains pink zero
0: Right surround channel is forced to zero
7654321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com