Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 45Page - STMicroelectronics STA310 Datasheet HTML 46Page - STMicroelectronics STA310 Datasheet HTML 47Page - STMicroelectronics STA310 Datasheet HTML 48Page - STMicroelectronics STA310 Datasheet HTML 49Page - STMicroelectronics STA310 Datasheet HTML 50Page - STMicroelectronics STA310 Datasheet HTML 51Page - STMicroelectronics STA310 Datasheet HTML 52Page - STMicroelectronics STA310 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
49/90
STA310
Hardware: Reset:UND
Description:
The table below shows the relationship between the value of the IEC divider and the value of the PCM divider.
SPDIF_STATUS
SPDIF status bit
Address: 0x61
Type: R/W
Software Reset: NC
Hardware: Reset UND
Description:
Bitfield
Description
DIV[4:0]
This field is the DAC_PCMCLK divider. It must be set according to the formula:
in 16 bit mode: IECDIV=(1+PCMDIV)/2-1; in 32 bit mode: IECDIV=PCMDIV
RND
This bit is used to have a "16-bit rounding" on the SPDIF (when in PCM mode):
0: no rounding,
1: rounding.
This bit has no effect on the precision of analogue data
SM
SYNC MUTE Mode, must be set to zero.
LAT
Configures the latency mode between the SPDIF output (in mode compressed) and the Audio output.
0: Auto-Latency: The latency is the transmission time for 2/3 of the payload, plus the time to decode
an audio block.
For MPEG Auto-Latency, the latency is the following time depending of the sampling frequency in the
incoming bitstream: MPEG 48KHz: 20.90ms, MPEG 44.1KHz: 22.95ms, MPEG 32KHz: 32.53ms.
1: User-programmable latency - the
SPDIF_LATENCY register is used.
PCM Divider Value
Mode Description
IEC Divider Value
5
DAC_PCMCLK = 384Fs, DAC is 16-bit mode
2
3
DAC_PCMLK = 256 Fs, DAC is 16-bit mode
1
2
DAC_PCMLK = 384 Fs, DAC is 32-bit mode
2
1
DAC_PCMLK = 256 Fs, DAC is 32-bit mode
1
76
543210
SFR
PRE
COP
COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com