Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 20Page - STMicroelectronics STA310 Datasheet HTML 21Page - STMicroelectronics STA310 Datasheet HTML 22Page - STMicroelectronics STA310 Datasheet HTML 23Page - STMicroelectronics STA310 Datasheet HTML 24Page - STMicroelectronics STA310 Datasheet HTML 25Page - STMicroelectronics STA310 Datasheet HTML 26Page - STMicroelectronics STA310 Datasheet HTML 27Page - STMicroelectronics STA310 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 90 page
background image
STA310
24/90
4.9 How to Program a Post Processing
4.9.1 2 registers for the mode:
PDEC (0x62) to define the type of PostProcessing
4.9.2 1 or 2 registers to control the “PostProcessing”
Prologic decoder (PDEC = 0x01):
Remark: When playing “Dolby Digital Prologic encoded”, if PL_DOWNMIX is correctly set, Prologic decoder’ is
automatically applied even if the register “PDEC” different to 1.
3
5
CDDA frames
3
7
Beep Tone Generator
3
9
MP3 frame elementary streams
5
0
IEC61937 Input with Dolby Digital frames
5
1
IEC61937 Input with MPEG1 frames
5
2
IEC61937 Input with MPEG2 frames
6
3
MPEG2 PES carrying Linear PCM for DVD Audio
6
8
MPEG2 PES carrying MPL for DVD Audio
PDEC
MODE
0x01
Prologic
0x02
MPEG 1/2 Dynamic Range
0x08
Double Stereo
0x10
DC Remove
0x20
Deemphasis filter
PL ABL WS (0x64)
Effect
1
AutoBalance
2
WideSurround
PL DOWNMIX (0x65)
Prologic DownMix
0,1,2
Prologic not applied
3
3/0 (L, R, C)
4
2/1 (L, R, Ls) Phantom
5
3/1 (L, R, Ls)
6
2/2 (L, R, Ls, Rs) Phantom
7
3/2 (L, C, R, Ls, Rs)
STREAMSEL
DECODESEL
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com