Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 46Page - STMicroelectronics STA310 Datasheet HTML 47Page - STMicroelectronics STA310 Datasheet HTML 48Page - STMicroelectronics STA310 Datasheet HTML 49Page - STMicroelectronics STA310 Datasheet HTML 50Page - STMicroelectronics STA310 Datasheet HTML 51Page - STMicroelectronics STA310 Datasheet HTML 52Page - STMicroelectronics STA310 Datasheet HTML 53Page - STMicroelectronics STA310 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 90 page
background image
STA310
50/90
This register is used to set the value of the status bit in the IEC958 data stream.
SPDIF_REP_TIME
SPDIF repetition time of a pause frame
Address: 0x75
Type: R/W
Software Reset: NC
Hardware: Reset: UND
Description:
In compressed mode, a burst of pause frames is sent when there are no more data to transmit (due to an error
or a gap in the incoming bitstream, for example).
This register sets the size of a pause frame in IEC frames: Dolby Digital =4, MPEG=32 and DTS=3.
SPDIF_LATENCY
Latency value
Address: 0x7E
Type: R/W
Software Reset: NC
Hardware: Reset: UND
Description:
If bit LAT of register SPDIF_CONF is set, a delay can be configured between the output of IEC61937 in com-
pressed mode and the output of the audio decoder. To configure a latency (in unit of seconds) this register has
to be set according the following formula:
Value = L x FS/8 where, L=Latency in s and FS=Sampling frequency in Hz
Bitfield
Description
COM
Compress data bit.
1: compressed mode
0: non compressed mode.
COP
1: copy allowed
0: copy not allowed
PRE
1: output has pre-emphasis
0: output does not have pre-emphasis
SFR
0000: if sampling frequency = 44.1KHz
0010: if sampling frequency = 48KHz
0011: if sampling frequency = 32KHz
1010: if sampling frequency = 96KHz
76
54
321
0
76
54
321
0
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com