Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 49Page - STMicroelectronics STA310 Datasheet HTML 50Page - STMicroelectronics STA310 Datasheet HTML 51Page - STMicroelectronics STA310 Datasheet HTML 52Page - STMicroelectronics STA310 Datasheet HTML 53Page - STMicroelectronics STA310 Datasheet HTML 54Page - STMicroelectronics STA310 Datasheet HTML 55Page - STMicroelectronics STA310 Datasheet HTML 56Page - STMicroelectronics STA310 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
53/90
STA310
Type: R/W
Software Reset: 0
Hardware Reset: 0
Description:
This register enables to exit from idle mode. After a
soft or hard reset the decoder is in idle mode. It stays
in this mode until the RUN is set.
In run mode the decoder takes into account the state
of all the configuration registers and begins to de-
code.
The RUN register can only be reset by the SOFTRE-
SET command.
SKIP_MUTE_CMD
Skip or mute commands
Address: 0x73
Type: R/W
Software Reset: 0
Hardware Reset: 0
Description:
This register cannot be used in MP3 decoding
mode.The register is taken into account at a begin-
ning of decoding a frame.
SKIP_MUTE_VALUE
Skip frames or mutes blocks of frame
Address + 0x74
Type: R/W
Software Reset: 0
Hardware Reset:0
Description:
The value in this register gives either the number of
frames to skip or the number of blocks during which
the decoder will be stopped. This is used in conjunc-
tion with register .
9.10 Interrupt register
INTE
Interrupt enable
Address: 0x08 - 0x07
Type: R/W
Software Reset: 0
Hardware Reset: 0
Description:
This register is used to enable each interrupt inde-
pendently. Setting a bit in the register enables the
corresponding interrupt.
INT
Interrupt
Address: 0x0A - 0x09
Type: RO
Software Reset: 0
Hardware Reset:0
76
5
4
3
2
1
0
reserved
MUTE reserved PAU BLK SKP SMUT
Value
Description
SMUT,
MUTE
If one or both of these bits is ’1’ then the
decoder continues the normal decoding
process, but the output samples are soft-
muted to zero. When both these bits are ’0’
muting is disabled and the decoder plays
the incoming frame.
SKP
Skip frame. The decoder skips the number
of frames programmed in register
BLK
Pause block. The decoder introduces a
delay equal to the number of blocks
programmed in register
PAU
The decoder is stopped whilst this bit is ’1’.
Reserved
Set to ’0’.
7654321
0
7
654
321
0
@0x08
INTE[15:8]
@0x07
INTE[7:0]
7
654
321
0
@0x0A
INTE[15:8]
@0x09
INTE[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com